Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT95R44 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT95R44
Description  I/O Type Phone 8-bit MCU with DTMF Receiver & CPT Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R44 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT95R44 Datasheet HTML 1Page - Holtek Semiconductor Inc HT95R44 Datasheet HTML 2Page - Holtek Semiconductor Inc HT95R44 Datasheet HTML 3Page - Holtek Semiconductor Inc HT95R44 Datasheet HTML 4Page - Holtek Semiconductor Inc HT95R44 Datasheet HTML 5Page - Holtek Semiconductor Inc HT95R44 Datasheet HTML 6Page - Holtek Semiconductor Inc HT95R44 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95R44 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HT95R43/HT95R44
Rev. 1.00
5
March 31, 2010
Functional Description
As these devices contain multiple internal chips, for a
detailed functional description, users must refer to the
relevant individual datasheets for both the MCU and the
CPT Detector. The following table shows which individ-
ual devices are inside each package.
Device
MCU
CPT Detector
HT95R43
HT95R33
HT9020B
HT95R44
HT95R34
HT9020B
Multi-chip Internal Devices
Although most of the functional description material will
be located in the individual datasheets, there are some
special considerations which need to be taken into ac-
count when using multi-chip devices. These points will
be mentioned in the hardware and software consider-
ation sections.
Multi-chip Hardware Considerations
As these single-package multi-chip devices are com-
posed of an individual MCU and CPT Detector chips,
using them together requires the user to take care of
some special points.
· Absolute Maximum Ratings
The Absolute Maximum Ratings for the two individual
chips must be checked for discrepancies and the nec-
essary care taken in device handling and usage.
· Power Supply
Examination of the block diagram will reveal that the
CPT Detector ground and power supply pin, VSS4
and VDD4, are not internally connected to the MCU
ground and power supply pins, VSS and VDD. For this
reason these two pins must be connected externally.
When calculating the total current consumption of the
device, the internal DC specifications of the two inter-
nal chips must be consulted and the individual cur-
rents added together.
When calculating the total current consumption of the
device, the internal DC specifications of the two inter-
nal chips must be consulted and the individual cur-
rents added together.
· Power Down and Wake up
Please note that if the MCU is powered down or
placed into a low power mode to conserve power, that
the CPT Detector will continue running and will con-
sume a certain amount of power. The CPT Detector
can of course be powered down by pulling its CPTEN
pin high.
· Functional Pins
Examination of the block diagram will reveal that the
CPT Detector pins, CPTEN, CPTX1, CPTX2,
CPTENV, CPTVREF, CPTSIN, VDD4, VSS4, have no
internal connection to the MCU pins. For this reason
these pins must be controlled and connected exter-
nally.
Multi-chip Programming Considerations
As there are no internal signal connections between the
two internal chips there are no real programming con-
siderations for these devices. It is only necessary to
realise that if the MCU is switched into any of its low
power modes or executes the HALT instruction by the
application program to reduce power consumption, that
the CPT Detector will continue operating and therefore
contribute to the overall power consumption. The CPT
Detector can only be powered-down manually using its
CPTEN pin.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com