Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT95R44 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT95R44
Description  I/O Type Phone 8-bit MCU with DTMF Receiver & CPT Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R44 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

  HT95R44 Datasheet HTML 1Page - Holtek Semiconductor Inc HT95R44 Datasheet HTML 2Page - Holtek Semiconductor Inc HT95R44 Datasheet HTML 3Page - Holtek Semiconductor Inc HT95R44 Datasheet HTML 4Page - Holtek Semiconductor Inc HT95R44 Datasheet HTML 5Page - Holtek Semiconductor Inc HT95R44 Datasheet HTML 6Page - Holtek Semiconductor Inc HT95R44 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95R44 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Application Circuits
DTMF Receiver Single-ended Input Application Circuit
HT95R43/HT95R44
Rev. 1.00
6
March 31, 2010
K e y M a t r i x
V D D
3 0 0 k W
0 . 1 m F
I / O
I / O
2
5
8
0
3
6
9
#
1
4
7
* / T
K e y 1
K e y 2
K e y 3
K e y 4
K e y 5
K e y 6
K e y 7
K e y 8
K e y 9
K e y 1 0
K e y 1 1
K e y 1 2
D T M F
V P
V N
G S
V R E F
R T / G T
E S T
X 1
X 2
3 2 7 6 8 H z
X C
3 n F
4 7 n F
1 5 k W
V S S
T M R 1
T M R 0
I N T
H K S
H F I
H D I
T e l e p h o n e C i r c u i t a n d S p e e c h N e t w o r k
V D D
5 . 1 V
1 0 0 m F
0 . 1 m F
D T M F
V D D
V D D
1 0 0 k W
0 . 1 m F
R E S
D T M F O u t p u t
P C 1 ~ P C 4 , P C 6
P C 0
P C 5
P C 7
0 . 1 m F
E x t r a I / O
I n t e r r u p t
I / O
M E M O R Y
D I A L I N G
S T O R E
H O L D
A M
P M
A B R
M O N
T U E
W E D
T H R
F R I S A T
S U N
L C D P a n n e l
H T 1 6 2 x
1 0 0 k W
1 0 0 k W
C P T V R E F
C P T S I N
+
-
0 . 0 1 m F 1 0 0 k W
0 . 0 1 m F 1 0 0 k W
1 0 0 k W
0 . 1 m F
2 0 p F
4 7 0 k W
1 0 0 k W
T I P
R I N G
I / O
I / O
C P T E N V
C P T E N
C P T X 1
C P T X 2
3 2 7 6 8 H z



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com