Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT95R44 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT95R44
Description  I/O Type Phone 8-bit MCU with DTMF Receiver & CPT Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R44 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT95R44 Datasheet HTML 1Page - Holtek Semiconductor Inc HT95R44 Datasheet HTML 2Page - Holtek Semiconductor Inc HT95R44 Datasheet HTML 3Page - Holtek Semiconductor Inc HT95R44 Datasheet HTML 4Page - Holtek Semiconductor Inc HT95R44 Datasheet HTML 5Page - Holtek Semiconductor Inc HT95R44 Datasheet HTML 6Page - Holtek Semiconductor Inc HT95R44 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95R44 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Pin Assignment
Pin Description
Pad Name
I/O
Options
Description
PA0~PA7
I/O
Pull-high
Wake-up
Bidirectional 8-bit input/output port. Each individual pin on this port can
be configured as a wake-up input by a configuration option. Software in-
structions determine if the pin is a CMOS output or Schmitt Trigger input.
Configuration options determine which pins on the port have pull-high re-
sistors.
PC0, PC5, PC7 I/O
Pull-high
Bidirectional input/output port. Software instructions determine if the pin
is a CMOS output or Schmitt Trigger input. Configuration options deter-
mine which pins on the port have pull-high resistors. When the
multi-function interrupt is enabled an interrupt will be generated when-
ever PC0 or PC5 has a falling edge, or PC7 has a rising edge.When in
the idle mode such an interrupt will wake up the device.
PC1, PC4, PC6 I/O
Pull-high
Bidirectional input/output port. Software instructions determine if the pin
is a CMOS output or Schmitt Trigger input. Configuration options deter-
mine which pins on the port have pull-high resistors.
PC2, PC3
O
¾
NMOS output structures
PD0~PD7
I/O
Pull-high
Bidirectional 8-bit input/output port.Software instructions determine if the
pin is a CMOS output or Schmitt Trigger input. Configuration options de-
termine which nibble on the port have pull-high resistors.
PE0~PE3
I/O
Pull-high
Bidirectional 4-bit input/output port.Software instructions determine if the
pin is a CMOS output or Schmitt Trigger input. Configuration options de-
termine if all the pins on the port have pull-high resistors.
INT
I
¾
External interrupt Schmitt trigger input. Edge trigger activated on high to
low transition. No pull-high resistor.
TMR0
I
¾
Timer/Event Counter 0 Schmitt trigger input . No pull-high resistor.
TMR1
I
¾
Timer/Event Counter 1 Schmitt trigger input . No pull-high resistor.
DTMF
O
¾
Dual Tone Multi Frequency Output
MUSIC
O
¾
CMOS output structure Programmable Frequency Divider pin.
HT95R43/HT95R44
Rev. 1.00
3
March 31, 2010
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
2 0 2 1 2 2 2 3 2 4 2 5 2 6 2 7 2 8
6 0
6 1
6 2
6 3
6 4
2 9 3 0 3 1 3 2
H T 9 5 R 4 3 / H T 9 5 R 4 4
6 4 L Q F P - A
5 2
5 3
5 4
5 5
5 6
5 7
5 8
5 9
C P T E N V
C P T V R E F
C P T S I N
N C
R T / G T
E S T
V D D 2
V S S 2
V P
V N
G S
V R E F
V S S
P D 7
P D 6
P D 5
P A 4
P A 5
P A 6
P A 7
X 2
X 1
X C
V S S
V D D
R E S
D T M F
P C 7
P C 6
P C 5
P C 4
P C 3
1 4
1 5
1 6
4 3
4 4
4 5
4 6
4 7
4 8
3 6
3 7
3 8
3 9
4 0
4 1
4 2
3 3
3 4
3 5
1 7 1 8 1 9
4 9
5 0
5 1



Html Pages

1 2 3 4 5 6 7 8