Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT95R44 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT95R44
Description  I/O Type Phone 8-bit MCU with DTMF Receiver & CPT Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R44 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT95R44 Datasheet HTML 1Page - Holtek Semiconductor Inc HT95R44 Datasheet HTML 2Page - Holtek Semiconductor Inc HT95R44 Datasheet HTML 3Page - Holtek Semiconductor Inc HT95R44 Datasheet HTML 4Page - Holtek Semiconductor Inc HT95R44 Datasheet HTML 5Page - Holtek Semiconductor Inc HT95R44 Datasheet HTML 6Page - Holtek Semiconductor Inc HT95R44 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95R44 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Pad Name
I/O
Options
Description
RT/GT
I/O
¾
Tone acquisition time and release time can be set through connection
with external resistor and capacitor CMOS IN/OUT
EST
O
¾
Early steering output CMOS out
VP
I
¾
Operational amplifier non-inverting input
VN
I
¾
Operational amplifier inverting input
GS
O
¾
Operational amplifier output terminal
VREF
O
¾
Reference voltage output, normally VDD/2
X1
X2
I
O
¾
X1 and X2 are connected to an external 32768Hz crystal or resonator for
the system clock.
XC
¾¾
External low pass filter pin used for the frequency up conversion circuit.
RES
I
¾
Schmitt trigger reset input. Active low.
VDD
¾¾
Positive power supply
VSS
¾¾
Negative power supply, ground.
VDD2
¾¾
DTMF receiver positive power supply
VSS2
¾¾
DTMF receiver negative power supply
Note:
Each pin on PA can be programmed through a configuration option to have a wake-up function.
HT95R43/HT95R44
Rev. 1.00
4
March 31, 2010



Html Pages

1 2 3 4 5 6 7 8