Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT95R45 Datasheet(PDF) 46 Page - Holtek Semiconductor Inc

Part # HT95R45
Description  Phone 8-Bit MCU with DTMF Receiver & CPT
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R45 Datasheet(HTML) 46 Page - Holtek Semiconductor Inc

Back Button HT95R45 Datasheet HTML 42Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 43Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 44Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 45Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 46Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 47Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 48Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 49Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 50Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 76 page
background image
HT95R45
Rev. 1.00
46
March 12, 2010
M O D E R e g i s t e r
b 7
b 0
N o t i m p l e m e n t e d , r e a d a s " 0 "
M O D E 1 M O D E 0 U P E N
F r e q u e n c y u p c o n v e r s i o n t o g e n e r a t e 1 4 . 3 2 M H z e n a b l e
1 : e n a b l e
0 : d i s a b l e
3 2 7 6 8 H z o s c i l l a t o r e n a b l e w h i l e t h e H A L T i n s t r u c t i o n i s e x e c u t e
1 : d i s a b l e 3 2 7 6 8 H z o s c i l l a t o r ( I d l e m o d e )
0 : e n a b l e 3 2 7 6 8 H z o s c i l l a t o r ( S l e e p m o d e )
S y s t e m c l o c k s e l e c t
1 : s e l e c t H C L K a s C P U c l o c k s y s t e m
0 : s e l e c t 3 2 7 6 8 H z a s C P U c l o c k s y s t e m
MODE Register
Operation Mode, Power-down and Wake-up
There are four operational modes, known as the idle mode, sleep mode, green mode, and normal mode. The chosen
mode is selected using the MODE0, MODE1 and UPEN bits in the MODE register but also depends upon whether the
HALT instruction has been executed or not.
HALT
Instruction
MODE1
MODE0
UPEN
Operation
Mode
32768Hz
HCLK
System
Clock
Not executed
1
X
1
Normal
ON
ON
HCLK
Not executed
0
X
0
Green
ON
OFF
32768Hz
Executed
0
0
0
Sleep
ON
OFF
Stopped
Executed
0
1
0
Idle
OFF
OFF
Stopped
Note:
²X² means don¢t care
MODE0 will be cleared to 0 automatically after wake-up from Idle Mode.
HCLK is frequency from PLL, which is 3.58MHz, 7.16MHz, 10.74MHz or 14.32MHz.
M O D E _ 1 R e g i s t e r
b 7
b 0
F 0
F 1
H C L K c l o c k s e l e c t
F 1
F 0
N o t i m p l e m e n t e d , r e a d a s " 0 "
0
0
1
1
0
1
0
1
3 . 5 8 M H z ( d e f a u l t )
7 . 1 6 M H z
1 0 . 7 4 M H z
1 4 . 3 2 M H z
MODE_1 Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com