Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT95R45 Datasheet(PDF) 56 Page - Holtek Semiconductor Inc

Part # HT95R45
Description  Phone 8-Bit MCU with DTMF Receiver & CPT
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R45 Datasheet(HTML) 56 Page - Holtek Semiconductor Inc

Back Button HT95R45 Datasheet HTML 52Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 53Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 54Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 55Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 56Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 57Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 58Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 59Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 60Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 76 page
background image
HT95R45
Rev. 1.00
56
March 12, 2010
U.S.A. Call Progress Tone Signal Format
Tone
Frequency
Condition
Precision Dial Tone
350Hz+440Hz
Continuous high
Old Dial Tone
120Hz (or 133Hz, ..) +600Hz
Continuous high
Precision Busy Tone
480Hz+620Hz
0.5sec high and 0.5sec low
Old Busy Tone
120Hz+600Hz
0.5sec high and 0.5sec low
Precision Reorder Tone
480Hz+620Hz
0.3sec high and 0.2sec low
Old Reorder Tone
120Hz+600Hz
0.2sec high and 0.3sec low or
0.25sec high and 0.25sec low
Precision Ring-back Tone
440Hz+480Hz
2sec high and 4sec low
Old Ring-back Tone
40Hz (or the others) +420Hz
2sec high and 4sec low
Timing Diagram
C P T S I N
C P T X 1 , C P T X 2
t R D
t B
t D D
t Q I
t D H
t D L
t S T
C P T E N
C P T E N V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com