Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT95R45 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT95R45
Description  Phone 8-Bit MCU with DTMF Receiver & CPT
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R45 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT95R45 Datasheet HTML 1Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 2Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 3Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 4Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 5Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 6Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 8Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
Pin Description
Pad Name
I/O
Options
Description
PA0~PA7
I/O
Pull-high
Wake-up
Bidirectional 8-bit input/output port. Each individual pin on this port can
be configured as a wake-up input by a configuration option. Software in-
structions determine if the pin is a CMOS output or Schmitt Trigger input.
Configuration options determine which pins on the port have pull-high re-
sistors.
PC0, PC5, PC7 I/O
Pull-High
Bidirectional input/output port. Software instructions determine if the pin
is a CMOS output or Schmitt Trigger input. Configuration options deter-
mine which pins on the port have pull-high resistors. When the
multi-function interrupt is enabled an interrupt will be generated when-
ever PC0 or PC5 has a falling edge, or PC7 has a rising edge.When in
the idle mode such an interrupt will wake up the device.
PC1/AUD,
PC4, PC6
I/O
DAC Output
Pull-High
Bidirectional input/output port. Software instructions determine if the pin
is a CMOS output or Schmitt Trigger input. Configuration options deter-
mine which pins on the port have pull-high resistors. PC1 is also D/A pin
for audio output for driving external transistor or power amplifier.
PC2, PC3
O
¾
NMOS output structures
PD0~PD7
I/O
Pull-High
Bidirectional 8-bit input/output port. Software instructions determine if
the pin is a CMOS output or Schmitt Trigger input. Configuration options
determine which nibble on the port have pull-high resistors.
PE0/SDO
PE1/SCK/SCL
PE2/SCS
PE3/SDI/SDA
PE4/PCLK
PE5/PINT
PE6~PE7
I/O
Pull-High
Schmitt Trigger input and CMOS output. I
2C and SPI functional pins:
SDO, SCK/SCL, SCS, SDI/SDA, PCLK, PINT are pin-shared with PE0~
PE5 respectively.
For I
2C, PE1 and PE3 used as SCL and SDA of I2C respectively.
For use as SPI, PE0~3 used as SDO, SCK, SCS, SDI of SPI respec-
tively. SDO is a serial interface data output. SCK is a serial interface
clock input/output (Initial is input). SCS is a chip select pin of the serial
peripheral interface, input for slave mode and output for master mode.
SDI is a serial interface data input.
PCLK is a peripheral clock. PINT is external peripheral interrupt pin.
Once the SPI/I
2C bus function is used, the PE0~PE3 could not be used
as normal I/O pins.
PF0~PF7
I/O
Pull-High
Bidirectional 8-bit input/output port. Software instructions determine if
the pin is a CMOS output or Schmitt Trigger input. Configuration options
determine which nibble on the port have pull-high resistors.
PG0~PG3
I/O
Pull-High
Bidirectional 4-bit input/output port. Software instructions determine if
the pin is a CMOS output or Schmitt Trigger input. Configuration options
determine if all the pins on the port have pull-high resistors.
INT
I
¾
External interrupt Schmitt trigger input. Edge trigger activated on high to
low transition. No pull-high resistor.
TMR0
I
¾
Timer/Event Counter 0 Schmitt trigger input . No pull-high resistor.
TMR1
I
¾
Timer/Event Counter 1 Schmitt trigger input . No pull-high resistor.
DTMF
O
¾
Dual Tone Multi Frequency Output
MUSIC
O
¾
CMOS output structure Programmable Frequency Divider pin.
RT/GT
I/O
¾
Tone acquisition time and release time can be set through connection
with external resistor and capacitor CMOS IN/OUT
EST
O
¾
Early steering output CMOS out
VP
I
¾
Operational amplifier non-inverting input
VN
I
¾
Operational amplifier inverting input
GS
O
¾
Operational amplifier output terminal
HT95R45
Rev. 1.00
3
March 12, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76