Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4812-E/P Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP4812-E/P
Description  8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4812-E/P Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP4812-E/P Datasheet HTML 25Page - Microchip Technology MCP4812-E/P Datasheet HTML 26Page - Microchip Technology MCP4812-E/P Datasheet HTML 27Page - Microchip Technology MCP4812-E/P Datasheet HTML 28Page - Microchip Technology MCP4812-E/P Datasheet HTML 29Page - Microchip Technology MCP4812-E/P Datasheet HTML 30Page - Microchip Technology MCP4812-E/P Datasheet HTML 31Page - Microchip Technology MCP4812-E/P Datasheet HTML 32Page - Microchip Technology MCP4812-E/P Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
 2010 Microchip Technology Inc.
DS22249A-page 29
MCP4802/4812/4822
6.7
Selectable Gain and
Offset Bipolar Voltage Output
Using a Dual Output DAC
In some applications, precision digital control of the
output range is desirable. Example 6-4 illustrates how
to use the MCP4802/4812/4822 family of devices to
achieve this in a bipolar or single-supply application.
This circuit is typically used for linearizing a sensor
whose slope and offset varies.
The equation to design a bipolar “window” DAC would
be utilized if R3, R4 and R5 are populated.
EXAMPLE 6-4:
BIPOLAR VOLTAGE SOURCE WITH SELECTABLE GAIN AND OFFSET
VDD
R3
R4
R2
VO
DACA
VDD
R1
(DACA for Gain Adjust)
(DACB for Offset Adjust)
SPI
3
R5
VCC+
Thevenin
Bipolar “Window” DAC using R4 and R5
0.1 µF
VCC–
VCC+
VCC–
VOUTA
VOUTB
VIN+
VOUTBR4 VCC-R3
+
R3 R4
+
-------------------------------------------------
=
VO
VIN+ 1
R2
R1
------
+

 V
OUTA
R2
R1
------


–
=
Equivalent
V45
VCC+R4 VCC-R5
+
R4 R5
+
---------------------------------------------
=R45
R4R5
R4 R5
+
-------------------
=
VIN+
VOUTBR45 V45R3
+
R3 R45
+
------------------------------------------------
=VO
VIN+ 1
R2
R1
------
+

 V
OUTA
R2
R1
------


–
=
Offset Adjust Gain Adjust
Offset Adjust Gain Adjust
DACB
VOUTA
2.048 GA
Dn
2
N
------

=
VOUTB
2.048 GB
Dn
2
N
------

=
VIN+
Dual Output DAC:
MCP4802
MCP4812
MCP4822
G
= Gain selection (1x or 2x)
N = DAC bit resolution
DA , DB = Digital value of DAC (0-255) for MCP4802
= Digital value of DAC (0-1023) for MCP4812
= Digital value of DAC (0-4095) for MCP4822



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com