Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4812-E/P Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP4812-E/P
Description  8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4812-E/P Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP4812-E/P Datasheet HTML 8Page - Microchip Technology MCP4812-E/P Datasheet HTML 9Page - Microchip Technology MCP4812-E/P Datasheet HTML 10Page - Microchip Technology MCP4812-E/P Datasheet HTML 11Page - Microchip Technology MCP4812-E/P Datasheet HTML 12Page - Microchip Technology MCP4812-E/P Datasheet HTML 13Page - Microchip Technology MCP4812-E/P Datasheet HTML 14Page - Microchip Technology MCP4812-E/P Datasheet HTML 15Page - Microchip Technology MCP4812-E/P Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
MCP4802/4812/4822
DS22249A-page 12
 2010 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V, VREF = 2.048V, Gain = 2x, RL = 5 k, CL = 100 pF.
FIGURE 2-18:
Software Shutdown Current
vs. Temperature and VDD.
FIGURE 2-19:
Offset Error vs. Temperature
and VDD.
FIGURE 2-20:
Gain Error vs. Temperature
and VDD.
FIGURE 2-21:
VIN High Threshold vs.
Temperature and VDD.
FIGURE 2-22:
VIN Low Threshold vs.
Temperature and VDD.
1
1.5
2
2.5
3
3.5
4
-40
-20
0
20406080
100 120
Ambient Temperature (ºC)
VDD
5.5V
4.0V
5.0V
3.0V
2.7V
-0.03
-0.01
0.01
0.03
0.05
0.07
0.09
0.11
-40 -20
0
20
40
60
80 100 120
Ambient Temperature (ºC)
VDD
5.5V
4.0V
5.0V
3.0V
2.7V
-0.5
-0.45
-0.4
-0.35
-0.3
-0.25
-0.2
-0.15
-0.1
-0.05
-40
-20
0
20
40
60
80
100 120
Ambient Temperature (ºC)
VDD
5.5V
4.0V
5.0V
3.0V
2.7V
1
1.5
2
2.5
3
3.5
4
-40
-20
0
20
406080
100
120
Ambient Temperature (ºC)
VDD
5.5V
4.0V
5.0V
3.0V
2.7V
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
-40
-20
0
20
40
60
80
100
120
Ambient Temperature (ºC)
VDD
5.5V
4.0V
5.0V
3.0V
2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com