Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4812-E/P Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP4812-E/P
Description  8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4812-E/P Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP4812-E/P Datasheet HTML 5Page - Microchip Technology MCP4812-E/P Datasheet HTML 6Page - Microchip Technology MCP4812-E/P Datasheet HTML 7Page - Microchip Technology MCP4812-E/P Datasheet HTML 8Page - Microchip Technology MCP4812-E/P Datasheet HTML 9Page - Microchip Technology MCP4812-E/P Datasheet HTML 10Page - Microchip Technology MCP4812-E/P Datasheet HTML 11Page - Microchip Technology MCP4812-E/P Datasheet HTML 12Page - Microchip Technology MCP4812-E/P Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
 2010 Microchip Technology Inc.
DS22249A-page 9
MCP4802/4812/4822
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V, VREF = 2.048V, Gain = 2x, RL = 5 k, CL = 100 pF.
FIGURE 2-1:
DNL vs. Code (MCP4822).
FIGURE 2-2:
DNL vs. Code and
Temperature (MCP4822).
FIGURE 2-3:
Absolute DNL vs.
Temperature (MCP4822).
FIGURE 2-4:
INL vs. Code and
Temperature (MCP4822).
FIGURE 2-5:
Absolute INL vs.
Temperature (MCP4822).
FIGURE 2-6:
INL vs. Code (MCP4822).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0
1024
2048
3072
4096
Code (Decimal)
-0.2
-0.1
0
0.1
0.2
0
1024
2048
3072
4096
Code (Decimal)
125C
85C
25C
0.075
0.0752
0.0754
0.0756
0.0758
0.076
0.0762
0.0764
0.0766
-40 -20
0
2040
6080
100 120
Ambient Temperature (ºC)
Note:
Single device graph for illustration of 64
code effect.
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
1024
2048
3072
4096
Code (Decimal)
125C
85
25
Ambient Temperature
0
0.5
1
1.5
2
2.5
-40
-20
0
20
40
60
80
100 120
Ambient Temperature (ºC)
-6
-4
-2
0
2
0
1024
2048
3072
4096
Code (Decimal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com