Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4812-E/P Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP4812-E/P
Description  8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4812-E/P Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP4812-E/P Datasheet HTML 7Page - Microchip Technology MCP4812-E/P Datasheet HTML 8Page - Microchip Technology MCP4812-E/P Datasheet HTML 9Page - Microchip Technology MCP4812-E/P Datasheet HTML 10Page - Microchip Technology MCP4812-E/P Datasheet HTML 11Page - Microchip Technology MCP4812-E/P Datasheet HTML 12Page - Microchip Technology MCP4812-E/P Datasheet HTML 13Page - Microchip Technology MCP4812-E/P Datasheet HTML 14Page - Microchip Technology MCP4812-E/P Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
 2010 Microchip Technology Inc.
DS22249A-page 11
MCP4802/4812/4822
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V, VREF = 2.048V, Gain = 2x, RL = 5 k, CL = 100 pF.
FIGURE 2-13:
Output Noise Voltage
Density (VREF Noise Density) vs. Frequency.
Gain = 1x.
FIGURE 2-14:
Output Noise Voltage
(VREF Noise Voltage) vs. Bandwidth. Gain = 1x.
FIGURE 2-15:
IDD vs. Temperature and VDD.
FIGURE 2-16:
IDD Histogram (VDD = 2.7V).
FIGURE 2-17:
IDD Histogram (VDD = 5.0V).
1.E-07
1.E-06
1.E-05
1.E-04
1E-1
1E+0 1E+1 1E+2 1E+3 1E+4 1E+5
Frequency (Hz)
0.1
1
10
100
1k
10k
100k
100
10
1
0.1
1.E-05
1.E-04
1.E-03
1.E-02
1E+2
1E+3
1E+4
1E+5
1E+6
Bandwidth (Hz)
100
1k
10k
100k
1M
Eni (in VRMS)
10.0
1.00
0.10
0.01
Eni (in VP-P)
Maximum Measurement Time = 10s
180
200
220
240
260
280
300
320
340
-40
-20
0
20406080
100
120
Ambient Temperature (°C)
VDD
5.5V
4.0V
5.0V
3.0V
2.7V
0
5
10
15
20
25
IDD (µA)
0
2
4
6
8
10
12
14
16
18
20
22
IDD (µA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com