| Electronic Components Datasheet Search |
|
EM357-RTB Datasheet(PDF) 100 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EM357-RTB Datasheet(HTML) 100 Page - List of Unclassifed Manufacturers |
|
100 / 240 page ![]() EM351 / EM357 8-29 120-035X-000D Preliminary 8.6.7 Registers Refer to Registers (in the SPI Master Mode section) for a description of the SCx_DATA register. SC1_UARTSTAT UART Status Register Address: 0x4000C848 Reset: 0x40 31 30 29 28 27 26 25 24 0 0 0 0 0 0 0 0 23 22 21 20 19 18 17 16 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 0 0 0 0 0 0 0 0 7 6 5 4 3 2 1 0 0 SC_UARTTXIDLE SC_UARTPARERR SC_UARTFRMERR SC_UARTRXOVF SC_UARTTXFREE SC_UARTRXVAL SC_UARTCTS Bitname Bitfield Access Description SC_UARTTXIDLE [6] R This bit is set when both the transmit FIFO and the transmit serializer are empty. SC_UARTPARERR [5] R This bit is set when the byte in the data register was received with a parity error. This bit is updated when the data register is read, and is cleared if the receive FIFO is empty. SC_UARTFRMERR [4] R This bit is set when the byte in the data register was received with a frame error. This bit is updated when the data register is read, and is cleared if the receive FIFO is empty. SC_UARTRXOVF [3] R This bit is set when the receive FIFO has been overrun. This occurs if a byte is received when the receive FIFO is full. This bit is cleared by reading the data register. SC_UARTTXFREE [2] R This bit is set when the transmit FIFO has space for at least one byte. SC_UARTRXVAL [1] R This bit is set when the receive FIFO contains at least one byte. SC_UARTCTS [0] R This bit shows the logical state (not voltage level) of the nCTS input: 0: nCTS is deasserted (pin is high, 'XOFF', RS232 negative voltage); the UART is inhibited from starting to transmit a byte. 1: nCTS is asserted (pin is low, 'XON', RS232 positive voltage); the UART may transmit. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |