Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM357-RTB Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 49Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 50Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 51Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 52Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 53Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 54Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 55Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 56Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 240 page
background image
EM351 / EM357
and JTAG mode is forced when the EM35x resets, a designer must treat all four debug GPIOs as working in
unison even though the Serial Wire interface only uses one of the GPIO, PC4.
Note:
An application must disable all debug SWJ debug functionality to reclaim any of the four GPIOs: PC0,
PC2, PC3, and PC4. Disabling SWJ debug functionality prevents external debug tools from operating, including
flash programming and high-level debug tools.
Disabling the SWJ debugger interface is accomplished by setting the GPIO_DEBUGDIS bit in the GPIO_DBGCFG
register. When this bit is set, all debugger-related pins (PC0, PC2, PC3, PC4) behave as standard GPIOs. If the
SWJ debugger interface is already active, the bit GPIO_DEBUGDIS cannot be set. When GPIO_DEBUGDIS is set,
the SWJ debugger interface can be reclaimed by activating the SWJ while the EM35x is held in reset. If the
SWJ debugger interface is forced active in this manner, the bit GPIO_FORCEDBG is set in the GPIO_DBGSTAT
register. The SWJ debugger interface is defined as active when the CDBGPWRUPREQ signal, a bit in the debug
port’s CRTL/STAT register in the SWJ, is set high by an external debug tool.
7.4
Reset
A full chip reset is one due to power on (low or high voltage), the nRESET pin, the watchdog, or the
SYSRESETREQ bit. A full chip reset affects the GPIO configuration as follows:
The GPIO_PxCFGH/L configurations of all pins are configured as floating inputs.
The GPIO_EXTREGEN bit is set in the GPIO_DBGCFG register, which overrides the normal configuration for
PA7.
The GPIO_DEBUGDIS bit in the GPIO_DBGCFG register is cleared, allowing Serial Wire/JTAG access to
override the normal configuration of PC0, PC2, PC3, and PC4.
7.5
Boot Configuration
nBOOTMODE is a special alternate function of PA5 that is active only during a pin reset (nRESET) or a power-
on-reset of the always-powered domain (POR HV). If nBOOTMODE is asserted (pulled or driven low) when
coming out of reset, the processor starts executing an embedded serial-link-only boot loader instead of its
normal program.
While in reset and during the subsequent power-on-reset startup delay (512 OSCHF clocks), PA5 is
automatically configured as an input with a pull-up resistor. At the end of this time, the EM35x samples
nBOOTMODE: a high level selects normal boot mode, and a low level selects the embedded serial-link-only
boot loader (serial bootload mode). Figure 7-2 shows the timing parameters for invoking serial bootload mode
from a pin (nRESET) reset. Because OSCHF is running uncalibrated during the reset sequence, the time for 512
OSCHF clocks may vary as indicated.
7-4
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com