Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM357-RTB Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 46Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 47Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 48Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 49Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 50Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 51Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 52Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 53Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 54Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 240 page
background image
EM351 / EM357
7
GPIO (General Purpose Input / Output)
The EM35x has 24 multi-purpose GPIO pins that may be individually configured as:
General purpose output
General purpose open-drain output
Alternate output controlled by a peripheral device
Alternate open-drain output controlled by a peripheral device
Analog
General purpose input
General purpose input with pull-up or pull-down resistor
The basic structure of a single GPIO is illustrated in Figure 7-1.
Figure 7-1. GPIO Block Diagram
A Schmitt trigger converts the GPIO pin voltage to a digital input value. The digital input signal is then always
routed to the GPIO_PxIN register; to the alternate inputs of associated peripheral devices; to wake detection
logic if wake detection is enabled; and, for certain pins, to interrupt generation logic. Configuring a pin in
analog mode disconnects the digital input from the pin and applies a high logic level to the input of the
Schmitt trigger.
Only one device at a time can control a GPIO output. The output is controlled in normal output mode by the
GPIO_PxOUT register and in alternate output mode by a peripheral device. When in input mode or analog
mode, digital output is disabled.
7.1
GPIO Ports
The 24 GPIO pins are grouped into three ports: PA, PB, and PC. Individual GPIOs within a port are numbered 0
to 7 according to their bit positions within the GPIO registers.
Note:
Because GPIO port registers’ functions are identical, the notation Px is used here to refer to PA, PB, or
PC. For example, GPIO_PxIN refers to the registers GPIO_PAIN, GPIO_PBIN, and GPIO_PCIN.
7-1
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com