Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM357-RTB Datasheet(PDF) 80 Page - List of Unclassifed Manufacturers

Part # EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Datasheet(HTML) 80 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 76Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 77Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 78Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 79Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 80Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 81Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 82Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 83Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 84Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 240 page
background image
EM351 / EM357
last transmitted character or to transmit a busy token (0xFF), which is determined by the SC_SPIRPT bit in the
SCx_SPICFG register. This functionality can only be enabled or disabled when the transmit FIFO is empty and
the transmit serializer is idle, indicated by a cleared SC_SPITXIDLE bit in the SCx_SPISTAT register.
Every time an automatic character transmission starts, a transmit underrun is detected as there is no data in
transmit FIFO, and the INT_SCTXUND bit in the INT_SC2FLAG register is set. After automatic character
transmission is disabled, no more new characters are received. The receive FIFO holds characters just
received.
Note:
The Receive DMA complete event does not always mean the receive FIFO is empty.
The DMA Channels section describes how to configure and use the serial receive and transmit DMA channels.
8.3.4
Interrupts
SPI master controller second-level interrupts are generated by the following events:
Transmit FIFO empty and last character shifted out (depending on SCx_INTMODE, either the 0 to 1
transition or the high level of SC_SPITXIDLE)
Transmit FIFO changed from full to not full (depending on SCx_INTMODE, either the 0 to 1 transition or the
high level of SC_SPITXFREE)
Receive FIFO changed from empty to not empty (depending on SCx_INTMODE, either the 0 to 1 transition
or the high level of SC_SPIRXVAL)
Transmit DMA buffer A/B complete (1 to 0 transition of SC_TXACTA/B)
Receive DMA buffer A/B complete (1 to 0 transition of SC_RXACTA/B)
Received and lost character while receive FIFO was full (receive overrun error)
Transmitted character while transmit FIFO was empty (transmit underrun error)
To enable CPU interrupts, set the desired interrupt bits in the second-level INT_SCxCFG register, and enable
the top-level SCx interrupt in the NVIC by writing the INT_SCx bit in the INT_CFGSET register.
8-9
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com