Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM357-RTB Datasheet(PDF) 119 Page - List of Unclassifed Manufacturers

Part # EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Datasheet(HTML) 119 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 115Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 116Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 117Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 118Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 119Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 120Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 121Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 122Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 123Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 240 page
background image
EM351 / EM357
SCx_RXERRA
SC1_RXERRA
DMA First Receive Error Register A
Address: 0x4000C834 Reset: 0x0
SC2_RXERRA
DMA First Receive Error Register A
Address: 0x4000C034 Reset: 0x0
31
30
29
28
27
26
25
24
0
0
0
0
0
0
0
0
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
0
0
SC_RXERRA
7
6
5
4
3
2
1
0
SC_RXERRA
Bitname
Bitfield
Access
Description
SC_RXERRA
[13:0]
R
The offset from the start of DMA receive buffer A of the first byte received with a parity,
frame, or overflow error. Note that an overflow error occurs at the input to the receive
FIFO, so this offset is 4 bytes before the overflow position. If there is no error, it reads
zero. This register will not be updated by subsequent errors until the buffer unloads and
is reloaded, or the receive DMA is reset.
8-48
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com