Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM357-RTB Datasheet(PDF) 134 Page - List of Unclassifed Manufacturers

Part # EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Datasheet(HTML) 134 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 130Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 131Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 132Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 133Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 134Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 135Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 136Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 137Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 138Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 240 page
background image
EM351 / EM357
If a capture occurs when the INT_TIMCCyIF flag is already high, then the missed capture flag INT_TIMMISSCCyIF
in the INT_TIMxMISS register is set. INT_TIMCCyIF can be cleared by software writing a 1 to its bit or reading
the captured data stored in the TIMx_CCRy register. To clear the INT_TIMMISSCCyIF bit, write a 1 to it.
The following example shows how to capture the counter value in the TIMx_CCR1 when the TI1 input rises.
Select the active input: TIMx_CCR1 must be linked to the TI1 input, so write the TIM_CC1S bits to 01 in the
TIMx_CCMR1 register. As soon as TIM_CC1S becomes different from 00, the channel is configured in input
and the TIMx_CCR1 register becomes read-only.
Program the required input filter duration with respect to the signal connected to the timer, when the
input is one of the TIy (ICyF bits in the TIMx_CCMR1 register). Consider a situation in which, when toggling,
the input signal is unstable during at most 5 internal clock cycles. The filter duration must be longer than
these 5 clock cycles. The transition on TI1 can be validated when 8 consecutive samples with the new level
have been detected (sampled at PCLK frequency). To do this, write the TIM_IC1F bits to 0011 in the
TIMx_CCMR1 register.
Select the edge of the active transition on the TI1 channel: Write the TIM_CC1P bit to 0 in the TIMx_CCER
register (rising edge in this case).
Program the input prescaler: In this example, the capture is to be performed at each valid transition, so
the prescaler is disabled (write the TIM_IC1PS bits to 00 in the TIMx_CCMR1 register).
Enable capture from the counter into the capture register: Set the TIM_CC1E bit in the TIMx_CCER
register.
If needed, enable the related interrupt request by setting the INT_TIMCC1IF bit in the INT_TIMxCFG
register.
When an input capture occurs:
• The TIMx_CCR1 register gets the value of the counter on the active transition.
• INT_TIMCC1IF flag is set (capture/compare interrupt flag). The missed capture/compare flag
INT_TIMMISSCC1IF in INT_TIMxMISS is also set if another capture occurs before the INT_TIMCC1IF
flag is cleared.
• An interrupt may be generated if enabled by the INT_TIMCC1IF bit.
To detect missed captures reliably, read captured data in TIMxCCRy before checking the missed
capture/compare flag. This sequence avoids missing a capture that could happen after reading the flag and
before reading the data.
Note:
Software can generate IC interrupt requests by setting the corresponding TIM_CCyG bit in the TIMx_EGR
register.
9.3.6
PWM Input Mode
This mode is a particular case of input capture mode. The procedure is the same except:
Two ICy signals are mapped on the same TIy input.
These two ICy signals are active on edges with opposite polarity.
One of the two TIyFP signals is selected as trigger input and the slave mode controller is configured in
reset mode.
For example, to measure the period in the TIMx_CCR1 register and the duty cycle in the TIMx_CCR2 register of
the PWM applied on TI1, use the following procedure depending on CK_INT frequency and prescaler value:
Select the active input for TIMx_CCR1: write the TIM_CC1S bits to 01 in the TIMx_CCMR1 register (TI1
selected).
Select the active polarity for TI1FP1, used both for capture in the TIMx_CCR1 and counter clear, by writing
the TIM_CC1P bit to 0 (active on rising edge).
9-14
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com