Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM357-RTB Datasheet(PDF) 180 Page - List of Unclassifed Manufacturers

Part # EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Datasheet(HTML) 180 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 176Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 177Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 178Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 179Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 180Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 181Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 182Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 183Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 184Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 240 page
background image
EM351 / EM357
10.1.5.2 Input Range
ADC inputs can be routed through input buffers to expand the input voltage range. The input buffers have a
fixed 0.25 gain and the converted data is scaled by that factor.
With the input buffers disabled the single-ended input range is 0 V to VREF and the differential input range is
-VREF to +VREF. With the input buffers enabled the single-ended range is within 100 mV of the supply range
limits: 0 V to VDD_PADS single-ended and -VDD_PADS to +VDD_PADS differential.
The input buffers are enabled for the ADC P and N inputs by setting the ADC_HVSELP and ADC_HVSELN bits
respectively, in the ADC_CFG register. The ADC accuracy is reduced when the input buffer is selected.
10.1.5.3 Sample Time
ADC sample time is programmed by selecting the sampling clock and the clocks per sample.
The sampling clock may be either 1 MHz or 6 MHz. If the ADC_1MHZCLK bit in the ADC_CFG register is
clear, the 6 MHz clock is used; if it is set, the 1 MHz clock is selected. The 6 MHz sample clock offers faster
conversion times but the ADC resolution is lower than that achieved with the 1 MHz clock.
The number of clocks per sample is determined by the ADC_PERIOD bits in the ADC_CFG register.
ADC_PERIOD values select from 32 to 4096 sampling clocks in powers of two. Longer sample times produce
more significant bits. Regardless of the sample time, converted samples are always 16-bits in size with the
significant bits left-aligned within the value.
Table 10-4 shows the options for ADC sample times and the significant bits in the conversion results.
Table 10-4. ADC Sample Times
Sample Time (µs)
Sample Frequency (kHz)
ADC_PERIOD
Sample
Clocks
1 MHz clock
6 MHz clock
1 MHz clock
6 MHz clock
Significant Bits
0
32
32
5.33
31.3
188
7
1
64
64
10.7
15.6
93.8
8
2
128
128
21.3
7.81
46.9
9
3
256
256
42.7
3.91
23.4
10
4
512
512
85.3
1.95
11.7
11
5
1024
1024
170
0.977
5.86
12
6
2048
2048
341
0.488
2.93
13
7
4096
4096
682
0.244
1.47
14
Note:
ADC sample timing is the same whether the EM35x is using the 24 MHz crystal oscillator or the 12 MHz
high-speed RC oscillator. This facilitates using the ADC soon after the CPU wakes from deep sleep, before
switching to the crystal oscillator.
10.2
Interrupts
The ADC has its own top-level interrupt in the NVIC. The ADC interrupt is enabled by writing the INT_ADC bit
to the INT_CFGSET register, and cleared by writing the INT_ADC bit to the INT_CFGCLR register. Chapter11,
Interrupt System, describes the interrupt system in detail.
10-5
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com