Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F54-E/SP Datasheet(PDF) 32 Page - Microchip Technology

Part # PIC16F54-E/SP
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F54-E/SP Datasheet(HTML) 32 Page - Microchip Technology

Back Button PIC16F54-E/SP Datasheet HTML 28Page - Microchip Technology PIC16F54-E/SP Datasheet HTML 29Page - Microchip Technology PIC16F54-E/SP Datasheet HTML 30Page - Microchip Technology PIC16F54-E/SP Datasheet HTML 31Page - Microchip Technology PIC16F54-E/SP Datasheet HTML 32Page - Microchip Technology PIC16F54-E/SP Datasheet HTML 33Page - Microchip Technology PIC16F54-E/SP Datasheet HTML 34Page - Microchip Technology PIC16F54-E/SP Datasheet HTML 35Page - Microchip Technology PIC16F54-E/SP Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
PIC16F5X
DS41213D-page 30
© 2007 Microchip Technology Inc.
TABLE 6-1:
SUMMARY OF PORT REGISTERS
Address
Name
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2
Bit 1Bit 0
Value on
Power-on
Reset
Value on
MCLR and
WDT Reset
N/A
TRIS
I/O Control Registers (TRISA, TRISB, TRISC, TRISD and TRISE) 1111 1111 1111 1111
05h
PORTA
—
—
—
—
RA3
RA2
RA1
RA0
---- xxxx
---- uuuu
06h
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
uuuu uuuu
07h
PORTC(1)
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
xxxx xxxx
uuuu uuuu
08h
PORTD(2)
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
xxxx xxxx
uuuu uuuu
09h
PORTE(2)
RE7
RE6
RE5
RE4
—
—
—
—
xxxx ----
uuuu ----
Legend: Shaded cells = unimplemented, read as ‘0’, – = unimplemented, read as ‘0’, x = unknown,
u
= unchanged
Note 1:
File address 07h is a General Purpose Register on the PIC16F54.
2:
File address 08h and 09h are General Purpose Registers on the PIC16F54 and PIC16F57.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com