Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F54-E/SP Datasheet(PDF) 52 Page - Microchip Technology

Part # PIC16F54-E/SP
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F54-E/SP Datasheet(HTML) 52 Page - Microchip Technology

Back Button PIC16F54-E/SP Datasheet HTML 48Page - Microchip Technology PIC16F54-E/SP Datasheet HTML 49Page - Microchip Technology PIC16F54-E/SP Datasheet HTML 50Page - Microchip Technology PIC16F54-E/SP Datasheet HTML 51Page - Microchip Technology PIC16F54-E/SP Datasheet HTML 52Page - Microchip Technology PIC16F54-E/SP Datasheet HTML 53Page - Microchip Technology PIC16F54-E/SP Datasheet HTML 54Page - Microchip Technology PIC16F54-E/SP Datasheet HTML 55Page - Microchip Technology PIC16F54-E/SP Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 88 page
background image
PIC16F5X
DS41213D-page 50
© 2007 Microchip Technology Inc.
RLF
Rotate Left f through Carry
Syntax:
[ label ] RLF
f, d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
See description below
Status Affected:
C
Encoding:
0011
01df
ffff
Description:
The contents of register ‘f’ are
rotated one bit to the left through
the Carry Flag (STATUS<0>). If ‘d’
is ‘0’, the result is placed in the W
register. If ‘d’ is ‘1’, the result is
stored back in register ‘f’.
Words:
1
Cycles:
1
Example:
RLF
REG1,0
Before Instruction
REG1
=
1110 0110
C=
0
After Instruction
REG1
=
1110 0110
W=
1100 1100
C=
1
C
register 'f'
RRF
Rotate Right f through Carry
Syntax:
[ label ]
RRF f, d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
See description below
Status Affected:
C
Encoding:
0011
00df
ffff
Description:
The contents of register ‘f’ are
rotated one bit to the right through
the Carry Flag (STATUS<0>). If ‘d’
is ‘0’, the result is placed in the W
register. If ‘d’ is ‘1’, the result is
placed back in register ‘f’.
Words:
1
Cycles:
1
Example:
RRF
REG1,0
Before Instruction
REG1
=
1110 0110
C=
0
After Instruction
REG1
=
1110 0110
W=
0111 0011
C=
0
Sleep
Go into Standby Mode
Syntax:
[ label ] Sleep
Operands:
None
Operation:
00h
→ WDT;
0
→ WDT prescaler; if assigned
1
→ TO;
0
→ PD
Status Affected:
TO, PD
Encoding:
0000
0000
0011
Description:
Time-out Status bit (TO) is set. The
power-down Status bit (PD) is
cleared. The WDT and its
prescaler are cleared.
The processor is put into Sleep
mode with the oscillator stopped.
See section on Sleep for more
details.
Words:
1
Cycles:
1
Example:
SLEEP
C
register 'f'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com