Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F54-E/SP Datasheet(PDF) 64 Page - Microchip Technology

Part # PIC16F54-E/SP
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F54-E/SP Datasheet(HTML) 64 Page - Microchip Technology

Back Button PIC16F54-E/SP Datasheet HTML 60Page - Microchip Technology PIC16F54-E/SP Datasheet HTML 61Page - Microchip Technology PIC16F54-E/SP Datasheet HTML 62Page - Microchip Technology PIC16F54-E/SP Datasheet HTML 63Page - Microchip Technology PIC16F54-E/SP Datasheet HTML 64Page - Microchip Technology PIC16F54-E/SP Datasheet HTML 65Page - Microchip Technology PIC16F54-E/SP Datasheet HTML 66Page - Microchip Technology PIC16F54-E/SP Datasheet HTML 67Page - Microchip Technology PIC16F54-E/SP Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 88 page
background image
PIC16F5X
DS41213D-page 62
© 2007 Microchip Technology Inc.
11.3
DC Characteristics PIC16F5X
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
-40
°C ≤ TA ≤ +85°C for industrial
-40
°C ≤ TA ≤ +125°C for extended
Param
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
VIL
Input Low Voltage
D030
I/O Ports
I/O Ports
MCLR (Schmitt Trigger)
T0CKI (Schmitt Trigger)
OSC1 (Schmitt Trigger)
OSC1
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
—
—
—
—
—
—
—
—
0.8V
0.15 VDD
0.15 VDD
0.15 VDD
0.15 VDD
0.3 VDD
0.3
0.3
V
V
V
V
V
V
V
V
4.5V <VDD
≤ 5.5V
VDD
≤ 4.5V
RC mode(3)
HS mode
XT mode
LP mode
VIH
Input High Voltage
D040
I/O ports
I/O ports
MCLR (Schmitt Trigger)
T0CKI (Schmitt Trigger)
OSC1 (Schmitt Trigger)
OSC1
2.0
0.25 VDD + 0.8
0.85 VDD
0.85 VDD
0.85 VDD
0.7 VDD
1.6
1.6
—
—
—
—
—
—
—
—
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
V
V
V
V
V
V
V
V
4.5V < VDD
≤ 5.5V
VDD
≤ 4.5V
RC mode(3)
HS mode
XT mode
LP mode
IIL
Input Leakage Current(1, 2)
D060
I/O ports
MCLR
T0CKI
OSC1
—
—
—
—
—
—
—
—
±1.0
±5.0
±5.0
±5.0
μA
μA
μA
μA
VSS
≤ VPIN ≤ VDD,
pin at high-impedance
VSS
≤ VPIN ≤ VDD
VSS
≤ VPIN ≤ VDD
VSS
≤ VPIN ≤ VDD,
XT, HS and LP modes
VOL
Output Low Voltage
D080
D083
I/O ports
OSC2/CLKOUT
(RC mode)
—
—
—
—
0.6
0.6
V
V
IOL = 8.5 mA, VDD = 4.5V
IOL = 1.6 mA, VDD = 4.5V
VOH
Output High Voltage(2)
D090
D092
I/O ports(2)
OSC2/CLKOUT
(RC mode)
VDD – 0.7
VDD – 0.7
—
—
—
—
V
V
IOH = -3.0 mA, VDD = 4.5V
IOH = -1.3 mA, VDD = 4.5V
*
These parameters are characterized but not tested.
† Data in the Typical (“Typ”) column is based on characterization results at 25
°C. This data is for design
guidance only and is not tested.
Note 1:
The leakage current on the MCLR/VPP pin is strongly dependent on the applied voltage level. The
specified levels represent normal operating conditions. Higher leakage current may be measured at
different input voltage.
2:
Negative current is defined as coming out of the pin.
3:
For the RC mode, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the
PIC16F5X be driven with external clock in RC mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com