Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F54-E/SP Datasheet(PDF) 18 Page - Microchip Technology

Part # PIC16F54-E/SP
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F54-E/SP Datasheet(HTML) 18 Page - Microchip Technology

Back Button PIC16F54-E/SP Datasheet HTML 14Page - Microchip Technology PIC16F54-E/SP Datasheet HTML 15Page - Microchip Technology PIC16F54-E/SP Datasheet HTML 16Page - Microchip Technology PIC16F54-E/SP Datasheet HTML 17Page - Microchip Technology PIC16F54-E/SP Datasheet HTML 18Page - Microchip Technology PIC16F54-E/SP Datasheet HTML 19Page - Microchip Technology PIC16F54-E/SP Datasheet HTML 20Page - Microchip Technology PIC16F54-E/SP Datasheet HTML 21Page - Microchip Technology PIC16F54-E/SP Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 88 page
background image
PIC16F5X
DS41213D-page 16
© 2007 Microchip Technology Inc.
3.2.2
SPECIAL FUNCTION REGISTERS
The Special Function Registers (SFR) are registers
used by the CPU and peripheral functions to control the
operation of the device (Table 3-1).
The Special Function Registers can be classified into
two sets. The Special Function Registers associated
with the “core” functions are described in this section.
Those related to the operation of the peripheral
features are described in the section for each
peripheral feature.
TABLE 3-1:
SPECIAL FUNCTION REGISTER SUMMARY
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Details
on Page
N/A
TRIS
I/O Control Registers (TRISA, TRISB, TRISC, TRISD, TRISE)
1111 1111
29
N/A
OPTION
Contains control bits to configure Timer0 and Timer0/WDT
prescaler
--11 1111
18
00h
INDF
Uses contents of FSR to address data memory (not a physical
register)
xxxx xxxx
20
01h
TMR0
Timer0 Module Register
xxxx xxxx
34
02h
PCL(1)
Low order 8 bits of PC
1111 1111
19
03h
STATUS
PA2
PA1
PA0
TO
PD
ZDC
C
0001 1xxx
17
04h
FSR(3)
Indirect data memory Address Pointer
111x xxxx
20
04h
FSR(4)
Indirect data memory Address Pointer
1xxx xxxx
20
04h
FSR(5)
Indirect data memory Address Pointer
xxxx xxxx
20
05h
PORTA(6)
—
—
—
—
RA3
RA2
RA1
RA0
---- xxxx
29
06h
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
29
07h
PORTC(2)
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
xxxx xxxx
29
08h
PORTD(7)
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
xxxx xxxx
29
09h
PORTE(6), (7)
RE7
RE6
RE5
RE4
—
—
—
—
xxxx ----
29
Legend: Shaded cells = unimplemented or unused, – = unimplemented, read as ‘0’ (if applicable), x = unknown,
u
= unchanged
Note 1:
The upper byte of the Program Counter is not directly accessible. See Section 3.5 “Program Counter”
for an explanation of how to access these bits.
2:
File address 07h is a General Purpose Register on the PIC16F54.
3:
PIC16F54 only.
4:
PIC16F57 only.
5:
PIC16F59 only.
6:
Unimplemented bits are read as ‘0’s.
7:
File address 08h and 09h are General Purpose Registers on the PIC16F54 and PIC16F57.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com