Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5350 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5350
Description  Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5350 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC5350 Datasheet HTML 2Page - Micrel Semiconductor MIC5350 Datasheet HTML 3Page - Micrel Semiconductor MIC5350 Datasheet HTML 4Page - Micrel Semiconductor MIC5350 Datasheet HTML 5Page - Micrel Semiconductor MIC5350 Datasheet HTML 6Page - Micrel Semiconductor MIC5350 Datasheet HTML 7Page - Micrel Semiconductor MIC5350 Datasheet HTML 8Page - Micrel Semiconductor MIC5350 Datasheet HTML 9Page - Micrel Semiconductor MIC5350 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Micrel, Inc.
MIC5350
June 2010
6
M9999-060410
Typical Characteristics (Continued)
Power Supply
Rejection Ratio
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1,000
10,000
100,000
1,000,000
10,000,000
FREQUENCY (Hz)
100uA
500mA
300mA
VIN = 3.8V
VOUT2 = 3.3V
COUT = 2.2μF
CBYP = 0.1μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com