Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5350 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5350
Description  Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5350 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5350 Datasheet HTML 1Page - Micrel Semiconductor MIC5350 Datasheet HTML 2Page - Micrel Semiconductor MIC5350 Datasheet HTML 3Page - Micrel Semiconductor MIC5350 Datasheet HTML 4Page - Micrel Semiconductor MIC5350 Datasheet HTML 5Page - Micrel Semiconductor MIC5350 Datasheet HTML 6Page - Micrel Semiconductor MIC5350 Datasheet HTML 7Page - Micrel Semiconductor MIC5350 Datasheet HTML 8Page - Micrel Semiconductor MIC5350 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MIC5350
Dual 300mA/500mA LDO
in 2mm x 2mm Thin MLF®
ULDO is a trademark of Micrel, Inc
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
June 2010
M9999-060410
General Description
The MIC5350 is a tiny Dual Ultra Low-Dropout (ULDO™)
linear regulator ideally suited for portable electronics due
to its low output noise. The MIC5350 integrates two high-
performance; 300mA (VOUT1) and 500mA (VOUT2) ULDOs™
into a tiny 2mm x 2mm leadless Thin MLF
® package,
which provides exceptional thermal characteristics.
The MIC5350 is designed to be stable with small ceramic
output capacitors thereby reducing required board space
and component cost. The combination of extremely low-
drop-out voltage, low output noise and exceptional thermal
package characteristics makes it ideal for powering RF
and noise-sensitive circuitry, cellular phone camera
modules, imaging sensors for digital still cameras, PDAs,
MP3 players and WebCam applications.
The MIC5350 ULDO™ is available in fixed-output voltages
in the tiny 8-pin 2mm x 2mm leadless Thin MLF
® package
which occupies less than half the board area of a single
SOT23-6
package.
Additional
voltage
options
are
available. For more information, contact Micrel marketing.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• 2.6V to 5.5V input voltage range
• Ultra-low dropout voltage: 75mV @ 300mA and 125mV
@ 500mA
• Ultra-low output noise: 30µVRMS
• ±2% initial output accuracy
• Tiny 8-pin 2mm x 2mm Thin MLF® leadless package
• Excellent Load/Line transient response
• Fast start-up time: 30µs
• µCap stable with 2.2µF ceramic capacitors
• Thermal shutdown protection
• Low quiescent current: 130µA with both outputs at
maximum load
• Current-limit protection
Applications
• Mobile phones
• PDAs
• GPS receivers
• Portable electronics
• Portable media players
• Digital still and video cameras
_________________________________________________________________________________________________________________________
Typical Application
RF Power Supply Circuit


Similar Part No. - MIC5350

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5353 MICREL-MIC5353 Datasheet
455Kb / 12P
500mA LDO in 1.6mm 횞 1.6mm Package
MIC5353 MICREL-MIC5353 Datasheet
512Kb / 13P
500mA LDO in 1.6mm 횞 1.6mm Package
MIC5353-1.8YMT MICREL-MIC5353-1.8YMT Datasheet
455Kb / 12P
500mA LDO in 1.6mm 횞 1.6mm Package
MIC5353-1.8YMT MICREL-MIC5353-1.8YMT Datasheet
512Kb / 13P
500mA LDO in 1.6mm 횞 1.6mm Package
MIC5353-2.5YMT MICREL-MIC5353-2.5YMT Datasheet
455Kb / 12P
500mA LDO in 1.6mm 횞 1.6mm Package
More results

Similar Description - MIC5350

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5330 MICREL-MIC5330 Datasheet
284Kb / 10P
Dual, 300mA UCap LDO in 2mm x 2mm MLF
logo
Maxim Integrated Produc...
MAX8902A MAXIM-MAX8902A Datasheet
267Kb / 10P
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 5; 10/12
logo
Micrel Semiconductor
MIC5338 MICREL-MIC5338 Datasheet
344Kb / 12P
Dual 300mA 關Cap LDO in 1.6mm x 1.6mm Thin MLF짰
MIC5330 MICREL-MIC5330_11 Datasheet
385Kb / 10P
Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5310 MICREL-MIC5310_11 Datasheet
372Kb / 11P
Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
logo
Maxim Integrated Produc...
MAX8902A MAXIM-MAX8902A_12 Datasheet
378Kb / 9P
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 5; 10/12
MAX8902AATA-T MAXIM-MAX8902AATA-T Datasheet
378Kb / 9P
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 5; 10/12
MAX8902A MAXIM-MAX8902A_15 Datasheet
355Kb / 9P
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 6; 1/15
MAX8902 MAXIM-MAX8902 Datasheet
355Kb / 9P
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
19-0990; Rev 6; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com