Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5350 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5350
Description  Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5350 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5350 Datasheet HTML 1Page - Micrel Semiconductor MIC5350 Datasheet HTML 2Page - Micrel Semiconductor MIC5350 Datasheet HTML 3Page - Micrel Semiconductor MIC5350 Datasheet HTML 4Page - Micrel Semiconductor MIC5350 Datasheet HTML 5Page - Micrel Semiconductor MIC5350 Datasheet HTML 6Page - Micrel Semiconductor MIC5350 Datasheet HTML 7Page - Micrel Semiconductor MIC5350 Datasheet HTML 8Page - Micrel Semiconductor MIC5350 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Micrel, Inc.
MIC5350
June 2010
4
M9999-060410
Absolute Maximum Ratings(1)
Supply Voltage (VIN)........................................ −0.3V to +6V
Enable Input Voltage (VEN1 , VEN2).....................−0.3V to VIN
Power Dissipation ..................................Internally Limited
(3)
Lead Temperature (soldering, 3sec).......................... 260°C
Storage Temperature (TS).........................−65°C to +150°C
ESD Rating
(4) ................................................................. 2kV
Operating Ratings(2)
Supply Voltage (VIN)..................................... +2.6V to +5.5V
Enable Input Voltage (VEN1, VEN2) .......................... 0V to VIN
Junction Temperature ............................... –40°C to +125°C
Junction Thermal Resistance
8-Pin 2mm x 2mm Thin MLF
® JA) ...................90°C/W
Electrical Characteristics(5)
VIN = VEN1 = VEN2 = VOUT + 1.0V; higher of the two regulator outputs, IOUTLDO1 = IOUTLDO2 = 100µA; COUT1 = COUT2 = 2.2µF; CBYP = 0.1µF;
TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C, unless noted.
Parameter
Conditions
Min.
Typ.
Max.
Units
Variation from nominal VOUT
-2.0
+2.0
Output Voltage Accuracy
Variation from nominal VOUT; –40°C to +125°C
-3.0
+3.0
%
Line Regulation
VIN = VOUT + 1V to 5.5V; IOUT = 100µA
0.05
0.3
0.6
%/V
Load Regulation
IOUT1, 2 = 100µA to 300mA
IOUT2 =100µA to 500mA
0.5
0.7
2.0
2.5
%
Dropout Voltage
(6)
IOUT1, 2 = 100µA
IOUT1, 2 = 50mA
IOUT1, 2 = 300mA
IOUT2 = 500mA
0.1
12
75
125
50
200
300
mV
Ground Current
VEN1 ≥ 1.2V; VEN2 ≤ 0.2V; IOUT = 0mA to 300mA
VEN1 ≤ 0.2V; VEN2 ≥ 1.2V; IOUT2 = 0mA to 500mA
VEN1 = VEN2 = 1.2V; IOUT1 = 300mA, IOUT2 = 500mA
95
95
130
175
175
240
µA
Ground Current in Shutdown
VEN1 = VEN2 = 0V
0.01
2
µA
Ripple Rejection
f = 1kHz; COUT = 2.2µF; CBYP = 0.1µF
f = 20kHz; COUT = 2.2µF; CBYP = 0.1µF
50
35
dB
VOUT1 = 0V
350
560
850
Current Limit
VOUT2 = 0V
550
950
1500
mA
Output Voltage Noise
COUT = 2.2µF; CBYP = 0.1µF; 10Hz to 100kHz
30
µVRMS
Enable Inputs (EN1 / EN2)
Logic Low
0.2
Enable Input Voltage
Logic High
1.2
V
VIL ≤ 0.2V
0.01
Enable Input Current
VIH ≥ 1.2V
0.01
µA
Turn-on Time (See Timing Diagram)
Turn-on Time (LDO1 and 2)
COUT = 2.2µF; CBYP = 0.01µF
30
100
µs
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max) – TA) / θJA. Exceeding the maximum allowable
power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
4. Devices are ESD sensitive. Handling precautions recommended. Human body model 1.5kΩ in series with 100pF.
5. Specification for packaged product only.
6. Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal VOUT. For outputs below
2.6V, the dropout voltage is the input-to-output differential with the minimum input voltage 2.6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com