Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5350 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC5350
Description  Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5350 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC5350 Datasheet HTML 4Page - Micrel Semiconductor MIC5350 Datasheet HTML 5Page - Micrel Semiconductor MIC5350 Datasheet HTML 6Page - Micrel Semiconductor MIC5350 Datasheet HTML 7Page - Micrel Semiconductor MIC5350 Datasheet HTML 8Page - Micrel Semiconductor MIC5350 Datasheet HTML 9Page - Micrel Semiconductor MIC5350 Datasheet HTML 10Page - Micrel Semiconductor MIC5350 Datasheet HTML 11Page - Micrel Semiconductor MIC5350 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Micrel, Inc.
MIC5350
June 2010
10
M9999-060410
Typical Application Schematic
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C1
C1608X5R0J106M
TDK
(1)
Capacitor, 10µF Ceramic, 6.3V, X5R, Size 0603
1
C2
VJ0603Y104KXQ
Vishay
(2)
Capacitor, 0.1µF Ceramic, 10V, X7R, Size 0603
1
C3, C4
C1608X5R0J225M
TDK
(1)
Capacitor, 2.2µF Ceramic, 6.3V, X5R, Size 0603
2
R1, R2
CRCW06031002FKEYE3
Vishay
(2)
Resistor, 10kΩ, 1%, 1/16W, Size 0603
2
U1
MIC5350-XXYML
Micrel, Inc.
(3)
Dual 300mA/500mA LDO, 2mm x 2mm Thin MLF
®
1
Notes:
1. TDK: www.tdk.com.
2. Vishay Tel: www.vishay.com.
3. Micrel, Inc.: www.micrel.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com