Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP242 Datasheet(PDF) 45 Page - Power Integrations, Inc.

Part # TOP242
Description  Family Extended Power, Design Flexible,Integrated Off-line Switcher
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP242 Datasheet(HTML) 45 Page - Power Integrations, Inc.

Back Button TOP242 Datasheet HTML 40Page - Power Integrations, Inc. TOP242 Datasheet HTML 41Page - Power Integrations, Inc. TOP242 Datasheet HTML 42Page - Power Integrations, Inc. TOP242 Datasheet HTML 43Page - Power Integrations, Inc. TOP242 Datasheet HTML 44Page - Power Integrations, Inc. TOP242 Datasheet HTML 45Page - Power Integrations, Inc. TOP242 Datasheet HTML 46Page - Power Integrations, Inc. TOP242 Datasheet HTML 47Page - Power Integrations, Inc. TOP242 Datasheet HTML 48Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
TOP242-249
45
August 8, 2000
E
7/01
PI-2644-040501
Notes:
1. Controlling dimensions are inches. Millimeter
dimensions are shown in parentheses.
2. Pin numbers start with Pin 1, and continue
from left to right when viewed from the front.
3. Dimensions do not include mold flash or
other protrusions. Mold flash or protrusions
shall not exceed .006 (.15mm) on any side.
4. Minimum metal to metal spacing at the pack-
age body for omitted pin locations is .068
inch (1.73 mm).
5. Position of terminals to be measured at a
location .25 (6.35) below the package body.
6. All terminals are solder plated.
Y07C
PIN 1
PIN 7
MOUNTING HOLE PATTERN
.050 (1.27)
.150 (3.81)
.050 (1.27)
.150 (3.81)
.050 (1.27)
.050 (1.27)
.100 (2.54)
.180 (4.58)
.200 (5.08)
PIN 1
+
.010 (.25) M
.467 (11.86)
.487 (12.37)
.400 (10.16)
.415 (10.54)
.146 (3.71)
.156 (3.96)
.860 (21.84)
.880 (22.35)
.026 (.66)
.032 (.81)
.050 (1.27) BSC
.150 (3.81) BSC
.108 (2.74) REF
PIN 1 & 7
7
° TYP.
PIN 2 & 4
.040 (1.02)
.060 (1.52)
.190 (4.83)
.210 (5.33)
.015 (.38)
.020 (.51)
.095 (2.41)
.115 (2.92)
.236 (5.99)
.260 (6.60)
.165 (4.19)
.185 (4.70)
.040 (1.02)
.060 (1.52)
.045 (1.14)
.055 (1.40)
.670 (17.02)
REF.
.570 (14.48)
REF.
TO-220-7C
TOPSwitch Product Family
GX Series Number
Package Identifier
G
Plastic Surface Mount DIP
P
Plastic DIP
Y
Plastic TO-220-7C
R
Plastic TO-263-7C (available only with TL option)
Package/Lead Options
Blank
Standard Configurations
TL
Tape & Reel, (G Package: 1 k min., R Package: 750 min.)
PART ORDERING INFORMATION
TOP 242 G - TL
(242, 243 & 244 only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com