Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP242 Datasheet(PDF) 24 Page - Power Integrations, Inc.

Part # TOP242
Description  Family Extended Power, Design Flexible,Integrated Off-line Switcher
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP242 Datasheet(HTML) 24 Page - Power Integrations, Inc.

Back Button TOP242 Datasheet HTML 20Page - Power Integrations, Inc. TOP242 Datasheet HTML 21Page - Power Integrations, Inc. TOP242 Datasheet HTML 22Page - Power Integrations, Inc. TOP242 Datasheet HTML 23Page - Power Integrations, Inc. TOP242 Datasheet HTML 24Page - Power Integrations, Inc. TOP242 Datasheet HTML 25Page - Power Integrations, Inc. TOP242 Datasheet HTML 26Page - Power Integrations, Inc. TOP242 Datasheet HTML 27Page - Power Integrations, Inc. TOP242 Datasheet HTML 28Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
TOP242-249
24
E
7/01
August 8, 2000
Multiple Output, 60 W, 185-265 VAC Input Power Supply
Figure 44 shows a multiple output supply typical for high end
set-top boxes or cable decoders containing high capacity hard
disks for recording. The supply delivers an output power of
45 W cont./60 W peak (thermally limited) from an input voltage
of 185 to 265 VAC. Efficiency at 45 W, 185 VAC is
≥ 75%.
The 3.3 V and 5 V outputs are regulated to
±5% without the need
for secondary linear regulators. DC stacking (the secondary
winding reference for the other output voltages is connected to
the cathode of D10 rather than the anode) is used to minimize
the voltage error for the higher voltage outputs.
Due to the high ambient operating temperature requirement
typical of a set-top box (60
°C) the TOP246Y is used to reduce
conduction losses and minimize heat sink size. Resistor R2 sets
the device current limit to 80% of typical to limit overload
power. The line sense resistor (R1) protects the TOPSwitch-GX
from line surges and transients by sensing when the DC rail
voltage rises to above 450 V. In this condition the
TOPSwitch-GX stops switching, extending the input voltage
withstand to 496 VAC which is ideal for countries with poor
power quality. A thermistor (RT1) is used to prevent premature
failure of the fuse by limiting the inrush current (due to the
relatively large size of C2). An optional MOV (RV1) extends
the differential surge protection to 6 kV from 4 kV.
Leakage inductance clamping is provided by VR1, R5 and C5,
keeping the DRAIN voltage below 700 V under all conditions.
Resistor R5 and capacitor C5 are selected such that VR1
dissipates very little power except during overload conditions.
The frequency jittering feature of TOPSwitch-GX allows the
circuit shown to meet CISPR22B with simple EMI filtering
(C1, L1 and C6) and the output grounded.
The secondaries are rectified and smoothed by D7 to D11, C7,
C9, C11, C13, C14, C16 and C17. Diode D11 for the 3.3 V
output is a Schottky diode to maximize efficiency. Diode D10
for the 5 V output is a PN type to center the 5 V output at 5 V.
The 3.3 V and 5 V output require two capacitors in parallel to
meet the ripple current requirement. Switching noise filtering
is provided by L2 to L5 and C8, C10, C12, C15 and C18.
Resistor R6 prevents peak charging of the lightly loaded 30 V
output. The outputs are regulated using a secondary reference
(U3). Both the 3.3 V and 5 V outputs are sensed via R11 and
R10. Resistor R8 provides bias for U3 and R7 sets the overall
DC gain. Resistor R9, C19, R3 and C4 provide loop
compensation. A soft-finish capacitor (C20) eliminates output
overshoot.
Figure 44. 60 W Multiple Output Power Supply using TOP246.
D6
1N4148
D7
UF4003
D8
UF5402
D9
UF5402
D11
MBR1045
D10
BYV32-200
T1
U2
LTV817
U3
TL431
C20
22
µF
10 V
R7
150
Ω
R12
10 k
C19
0.1
µF
R11
9.53
k
Ω
R10
15.0
k
Ω
R9
3.3 k
Ω
R8
1 k
Ω
C6
2.2 nF
Y1
C7
47
µF
50 V
C9
330
µF
25 V
C11
390
µF
35 V
C14
1000
µF
25 V
30 V @
0.03 A
18 V @
0.5 A
12 V @
0.6 A
5 V @
3.2 A
3.3 V @
3 A
RTN
D1-D4
1N4007 V
F1
3.15 A
RV1
275 V
14 mm
J1
L1
20 mH
0.8A
L
N
R3
6.8
Ω
C5
47
µF
10 V
TOP246Y
U1
DL
S
C
TOPSwitch-GX
R1
2 M
Ω
1/2 W
R5
68 k
Ω
2 W
R6
10
Ω
RT1
10
Ω
1.7 A
C2
68
µF
400 V
C5
1 nF
400 V
C3
1
µF
50 V
C1
0.1
µF
X1
PI-2693-033001
CONTROL
CONTROL
C3
0.1
µF
50 V
XF
D6
1N4937
VR1
P6KE170
C16
1000
µF
25 V
C13
1000
µF
25 V
C17
1000
µF
25 V
C15
220
µF
165 V
C18
220
µF
16 V
C12
100
µF
25 V
C10
100
µF
25 V
C8
10
µF
50 V
L2
3.3
µH
3A
L3
3.3
µH
3A
L4
3.3
µH
5A
L5
3.3
µH
5A
PERFORMANCE SUMMARY
Output Power:
45 W Cont./60 W Peak
Regulation:
3.3 V:
± 5%
5 V:
± 5%
12 V:
± 7%
18 V:
± 7%
30 V:
± 8%
Efficiency:
≥75%
No Load Consumption:
0.6 W
.R2
9.08 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com