Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP242 Datasheet(PDF) 29 Page - Power Integrations, Inc.

Part # TOP242
Description  Family Extended Power, Design Flexible,Integrated Off-line Switcher
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP242 Datasheet(HTML) 29 Page - Power Integrations, Inc.

Back Button TOP242 Datasheet HTML 25Page - Power Integrations, Inc. TOP242 Datasheet HTML 26Page - Power Integrations, Inc. TOP242 Datasheet HTML 27Page - Power Integrations, Inc. TOP242 Datasheet HTML 28Page - Power Integrations, Inc. TOP242 Datasheet HTML 29Page - Power Integrations, Inc. TOP242 Datasheet HTML 30Page - Power Integrations, Inc. TOP242 Datasheet HTML 31Page - Power Integrations, Inc. TOP242 Datasheet HTML 32Page - Power Integrations, Inc. TOP242 Datasheet HTML 33Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
TOP242-249
29
August 8, 2000
E
7/01
Table 5 (cont). Comparison Between TOPSwitch-FX and TOPSwitch-GX. *Not available
TOPSwitch-GX Design Considerations
Power Table
Datasheet power table represents the maximum practical
continuous output power based on the following conditions:
TOP242 to TOP246: 12 V output, Schottky output diode,
150 V reflected voltage (VOR) and efficiency estimates from
curves contained in application note AN-29. TOP247 to TOP249:
Higher output voltages used with a maximum output current of
6 A.
For all devices a 100 VDC minimum for 85-265 VAC and 250
VDC minimum for 230 VDC are assumed and sufficient heat
sinking to keep device temperature
≤ 100 °C. Power levels
shown in the power table for the R package device assume
6.45 cm2 of 610 g/m2 copper heat sink area in an enclosed
adapter, or 19.4 cm2 in an open frame.
TOPSwitch-GX Selection
Selecting the optimum TOPSwitch-GX depends upon required
maximum output power, efficiency, heat sinking constraints
and cost goals. With the option to externally reduce current
limit, a larger TOPSwitch-GX may be used for lower power
Function
TOPSwitch-FX
TOPSwitch-GX
TOPSwitch-GX Advantages
P/G Package Current
Identical to Y
TOP243P or G and
• Matches device current limit to
Limits
packages
TOP244P or G internal
package dissipation capability
current limits reduced
• Allows more continuous design to
lower device dissipation (lower RMS
currents)
Y/R Package Current
100%
90% (for equivalent R
DS (ON))
• Minimizes transformer core size
Limits
(R package N/A*)
• Optimizes efficiency for most
applications
Thermal Shutdown
125
°C min.
130
°C min. 75 °C
• Allows higher output powers in
70
°C hysteresis
hysteresis
high ambient temperature
applications
Maximum Duty Cycle
90
µA
60
µA
• Reduces output line frequency
Reduction Threshold
ripple at low line
• D
MAX reduction optimized for
forward design
Line Under-Voltage
N/A*
40% of positive (turn-on)
• Provides a well defined turn-off
Negative (turn-off)
threshold
threshold as the line voltage falls
Threshold
Soft-Start
10 ms (duty cycle) 10 ms (duty cycle + current
• Gradually increasing current limit
limit)
in addition to duty cycle during soft-
start further reduces peak current
and voltage
• Further reduces component
stresses during start up
applications where higher efficiency is needed or minimal heat
sinking is available.
Input Capacitor
The input capacitor must be chosen to provide the minimum
DC voltage required for the TOPSwitch-GX converter to maintain
regulation at the lowest specified input voltage and maximum
output power. Since TOPSwitch-GX has a higher DC
MAX than
TOPSwitch-II, it is possible to use a smaller input capacitor.
For TOPSwitch-GX, a capacitance of 2
µF per watt is possible
for universal input with an appropriately designed transformer.
Primary Clamp and Output Reflected Voltage V
OR
A primary clamp is necessary to limit the peak TOPSwitch-GX
drain to source voltage. A Zener clamp requires few parts and
takes up little board space. For good efficiency, the clamp
Zener should be selected to be at least 1.5 times the output
reflected voltage V
OR as this keeps the leakage spike conduction
time short. When using a Zener clamp in a universal input
application, a V
OR of less than 135 V is recommended to allow
for the absolute tolerances and temperature variations of the
Zener. This will ensure efficient operation of the clamp circuit
and will also keep the maximum drain voltage below the rated
breakdown voltage of the TOPSwitch-GX MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com