Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP242 Datasheet(PDF) 27 Page - Power Integrations, Inc.

Part # TOP242
Description  Family Extended Power, Design Flexible,Integrated Off-line Switcher
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP242 Datasheet(HTML) 27 Page - Power Integrations, Inc.

Back Button TOP242 Datasheet HTML 23Page - Power Integrations, Inc. TOP242 Datasheet HTML 24Page - Power Integrations, Inc. TOP242 Datasheet HTML 25Page - Power Integrations, Inc. TOP242 Datasheet HTML 26Page - Power Integrations, Inc. TOP242 Datasheet HTML 27Page - Power Integrations, Inc. TOP242 Datasheet HTML 28Page - Power Integrations, Inc. TOP242 Datasheet HTML 29Page - Power Integrations, Inc. TOP242 Datasheet HTML 30Page - Power Integrations, Inc. TOP242 Datasheet HTML 31Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
TOP242-249
27
August 8, 2000
E
7/01
Key Application Considerations
TOPSwitch-II vs. TOPSwitch-GX
Table 4 compares the features and performance differences
between TOPSwitch-GX and TOPSwitch-II. Many of the new
features eliminate the need for additional discrete components.
Other features increase the robustness of design allowing cost
savings in the transformer and other power components.
Function
TOPSwitch-II
TOPSwitch-GX
Figures
TOPSwitch-GX Advantages
Soft-Start
N/A*
10 ms
• Limits peak current and voltage
component stresses during start-up
• Eliminates external components
used for soft-start in most
applications
• Reduces or eliminates output
overshoot
External Current Limit
N/A*
Programmable
11,20,21,
• Smaller transformer
100% to 30% of
24,25,27,
• Higher efficiency
default current
28,34,35,
• Allows power limiting (constant over-
limit
38,39
load power independent of line
voltage
• Allows use of larger device for lower
losses, higher efficiency and smaller
heatsink
DC
MAX
67%
78%
7
• Smaller input cap (wider dynamic
range)
• Higher power capability (when used
with RCD clamp for large V
OR)
• Allows use of Schottky secondary
rectifier diode for up to 15 V output
for high efficiency
Line Feed Forward with N/A*
78% to 38%
7,11,17,
• Rejects line ripple
DC
MAX Reduction
26,27,28,
31,40
Line OV Shutdown
N/A*
Single resistor
11,17,19,
• Increases voltage withstand cap-
programmable
26,27,28,
ability against line surge
31,33,40
Line UV Detection
N/A*
Single resistor
11,17,18,
• Prevents auto-restart glitches
programmable
26,27,28,
during power down
31,32,40
Switching Frequency
100 kHz
±10%
132 kHz
±6%
13,15
• Smaller transformer
• Below start of conducted EMI limits
Switching Frequency
N/A*
66 kHz
±7%
14,15
• Lower losses when using RC and
Option (Y and R
RCD snubber for noise reduction in
Packages)
video applications
• Allows for higher efficiency in
standby mode
• Lower EMI (second harmonic below
150 kHz)
Frequency Jitter
N/A*
±4 kHz@132 kHz 9,46
• Reduces conducted EMI
±2 kHz@66 kHz
Frequency Reduction
N/A*
At a Duty Cycle
7
• Zero load regulation without dummy
below 10%
load
• Low power consumption at no load
Table 4. Comparison Between TOPSwitch-II and TOPSwitch-GX. (continued on next page) *Not available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com