Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFC237018564 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # BFC237018564
Description  DC Film Capacitors MKT Radial Potted Type
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC237018564 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button BFC237018564 Datasheet HTML 3Page - Vishay Siliconix BFC237018564 Datasheet HTML 4Page - Vishay Siliconix BFC237018564 Datasheet HTML 5Page - Vishay Siliconix BFC237018564 Datasheet HTML 6Page - Vishay Siliconix BFC237018564 Datasheet HTML 7Page - Vishay Siliconix BFC237018564 Datasheet HTML 8Page - Vishay Siliconix BFC237018564 Datasheet HTML 9Page - Vishay Siliconix BFC237018564 Datasheet HTML 10Page - Vishay Siliconix BFC237018564 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Document Number: 28108
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 04-Aug-09
83
MKT 370
DC Film Capacitors
MKT Radial Potted Type
Vishay BCcomponents
URdc = 400 V; URac = 160 V (compact size)
Notes
(1) Weight for short lead product only
• SPQ = Standard Packing Quantity
URdc = 630 V; URac = 220 V (compact size)
Notes
(1) Weight for short lead product only
• SPQ = Standard Packing Quantity
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 370 XXYYY AND PACKAGING
AMMOPACK
LOOSE IN BOX
REEL
C-VALUE
H = 18.5 mm;
P0 = 12.7 mm
Short leads
Long leads
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
..YYY
Pitch = 5.08 mm ± 0.30 mm; dt = 0.50 mm ± 0.05 mm
0.01
2.5 x 6.5 x 7.2
0.18
FB...
(2000)
FC...
(2000)
FE...
(2000)
FF...
(2000)
FH...
(1000)
FI...
(1000)
FL...
(2000)
FM...
(2000)
103
0.012
123
0.015
153
0.018
183
0.022
3.5 x 8.0 x 7.2
0.30
FB...
(1500)
FC...
(1500)
FE...
(2000)
FF...
(2000)
FH...
(1000)
FI...
(1000)
FL...
(1500)
FM...
(1500)
223
0.027
273
0.033
333
0.039
393
0.047
4.5 x 9.0 x 7.2
0.42
FB...
(1000)
FC...
(1000)
FE...
(2000)
FF...
(2000)
FH...
(1000)
FI...
(1000)
FL...
(1000)
FM...
(1000)
473
0.056
563
0.068
6.0 x 11.0 x 7.2
0.64
FB...
(750)
FC...
(750)
FE...
(2000)
FF...
(2000)
FH...
(1000)
FI...
(1000)
FL...
(1000)
FM...
(1000)
683
0.082
823
0.10
104
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 370 XXYYY AND PACKAGING
AMMOPACK
LOOSE IN BOX
REEL
C-VALUE
H = 18.5 mm;
P0 = 12.7 mm
Short leads
Long leads
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
..YYY
Pitch = 5.08 mm ± 0.30 mm; dt = 0.50 mm ± 0.05 mm
0.00068
3.5 x 8.0 x 7.2
0.35
GB...
(1500)
GC...
(1500)
GE...
(2000)
GF...
(2000)
GH...
(1000)
GI...
(1000)
GL...
(1500)
GM...
(1500)
681
0.00082
821
0.001
102
0.0012
122
0.0015
152
0.0018
182
0.002
202
0.0022
222
0.0024
242
0.0027
272
0.0033
332
0.0039
392
0.0047
472
0.0056
562
0.0068
682
0.0082
822
0.01
103
0.012
4.5 x 9.0 x 7.2
0.45
GB...
(1000)
GC...
(1000)
GE...
(2000)
GF...
(2000)
GH...
(1000)
GI...
(1000)
GL...
(1000)
GM...
(1000)
123
0.015
153
0.018
6.0 x 11.0 x 7.2
0.65
GB...
(750)
GC...
(750)
GE...
(2000)
GF...
(2000)
GH...
(1000)
GI...
(1000)
GL...
(1000)
GM...
(1000)
183
0.022
223
0.027
273
0.033
333



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com