Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFC237018564 Datasheet(PDF) 14 Page - Vishay Siliconix

Part # BFC237018564
Description  DC Film Capacitors MKT Radial Potted Type
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC237018564 Datasheet(HTML) 14 Page - Vishay Siliconix

Back Button BFC237018564 Datasheet HTML 10Page - Vishay Siliconix BFC237018564 Datasheet HTML 11Page - Vishay Siliconix BFC237018564 Datasheet HTML 12Page - Vishay Siliconix BFC237018564 Datasheet HTML 13Page - Vishay Siliconix BFC237018564 Datasheet HTML 14Page - Vishay Siliconix BFC237018564 Datasheet HTML 15Page - Vishay Siliconix BFC237018564 Datasheet HTML 16Page - Vishay Siliconix BFC237018564 Datasheet HTML 17Page - Vishay Siliconix BFC237018564 Datasheet HTML 18Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
MKT 370
Vishay BCcomponents
DC Film Capacitors
MKT Radial Potted Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 28108
90
Revision: 04-Aug-09
APPLICATION NOTE AND LIMITING CONDITIONS
These capacitors are not suitable for mains applications as across-the-line capacitors without additional protection, as described
hereunder. These mains applications are strictly regulated in safety standards and therefore electromagnetic interference
suppression capacitors conforming the standards must be used.
To select the capacitor for a certain application, the following conditions must be checked:
1. The peak voltage (UP) shall not be greater than the rated DC voltage (URdc)
2. The peak-to-peak voltage (UP-P) shall not be greater than 2√2 x URac to avoid the ionisation inception level
3. The voltage peak slope (dU/dt) shall not exceed the rated voltage pulse slope in an RC-circuit at rated voltage and without
ringing. If the pulse voltage is lower than the rated DC voltage, the rated voltage pulse slope may be multiplied by URdc and
divided by the applied voltage.
For all other pulses following equation must be fulfilled:
T is the pulse duration.
4. The maximum component surface temperature rise must be lower than the limits (see figure max. allowed component
temperature rise).
5. Since in circuits used at voltages over 280 V peak-to-peak the risk for an intrinsically active flammability after a capacitor
breakdown (short circuit) increases, it is recommended that the power to the component is limited to 100 times the values
mentioned in the table: “Heat conductivity”
6. When using these capacitors as across-the-line capacitor in the input filter for mains applications or as series connected with
an impedance to the mains the applicant must guarantee that the following conditions are fulfilled in any case (spikes and
surge voltages from the mains included).
Voltage Conditions for 6 Above
EXAMPLE
C = 330 nF - 63 V used for the voltage signal shown in next drawing.
UP-P = 40 V; UP = 35 V; T1 = 100 µs; T2 = 200 µs
The ambient temperature is 35 °C
Checking conditions:
1.The peak voltage UP = 35 V is lower than 63 Vdc
2.The peak-to-peak voltage 40 V is lower than 2
√2 x 40 Vac = 113 U
P-P
3.The voltage pulse slope (dU/dt) = 40 V/100 µs = 0.4 V/µs
This is lower than 60 V/µs (see specific reference data for each version)
4.The dissipated power is 16.2 mW as calculated with fourier terms
The temperature rise for Wmax. = 3.5 mm and pitch = 5 mm will be 16.2 mW/3.0 mW/°C = 5.4 °C
This is lower than 15 °C temperature rise at 35 °C, according figure max. allowed component temperature rise
5. Not applicable
6. Not applicable
Voltage Signal
ALLOWED VOLTAGES
Tamb ≤ 85 °C
85 °C < Tamb ≤ 100 °C for 63 V
85 °C < Tamb ≤ 105 °C for > 63 V
Maximum continuous RMS voltage
URac
See “Max. AC voltage as function
of temperature CBB952” per
characteristics
Maximum temperature RMS-overvoltage (< 24 h)
1.25 x URac
URac
Maximum peak voltage (VO-P) (< 2 s)
1.6 x URdc
1.3 x URdc
2 x
dU
dt
-------
⎝⎠
⎛⎞
2
0
T
∫
x dt
U
Rdc x
dU
dt
-------
⎝⎠
⎛⎞
rated
<
Voltage
UP
Time
UP-P
T1
T2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com