Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFC237018564 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # BFC237018564
Description  DC Film Capacitors MKT Radial Potted Type
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC237018564 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button BFC237018564 Datasheet HTML 9Page - Vishay Siliconix BFC237018564 Datasheet HTML 10Page - Vishay Siliconix BFC237018564 Datasheet HTML 11Page - Vishay Siliconix BFC237018564 Datasheet HTML 12Page - Vishay Siliconix BFC237018564 Datasheet HTML 13Page - Vishay Siliconix BFC237018564 Datasheet HTML 14Page - Vishay Siliconix BFC237018564 Datasheet HTML 15Page - Vishay Siliconix BFC237018564 Datasheet HTML 16Page - Vishay Siliconix BFC237018564 Datasheet HTML 17Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Document Number: 28108
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 04-Aug-09
89
MKT 370
DC Film Capacitors
MKT Radial Potted Type
Vishay BCcomponents
HEAT CONDUCTIVITY (G) AS A FUNCTION OF (ORIGINAL) PITCH AND CAPACITOR BODY THICKNESS IN mW/°C
POWER DISSIPATION AND MAXIMUM COMPONENT TEMPERATURE RISE
The power dissipation must be limited in order not to exceed the maximum allowed component temperature rise as a function of
the free ambient temperature.
The power dissipation can be calculated according type detail specification “HQN-384-01/101: Technical Information Film
Capacitors”.
The component temperature rise (
ΔT) can be measured (see section “Measuring the component temperature” for more details)
or calculated by
ΔT = P/G:
• ΔT = Component temperature rise (°C)
• P = Power dissipation of the component (mW)
• G = Heat conductivity of the component (mW/°C)
MEASURING THE COMPONENT TEMPERATURE
A thermocouple must be attached to the capacitor body as in:
The temperature is measured in unloaded (Tamb) and maximum loaded condition (TC).
The temperature rise is given by
ΔT = T
C - Tamb.
To avoid radiation or convection, the capacitor should be tested in a wind-free box.
Maximum allowed component temperature rise (
ΔT)
as a function of the ambient temperature (Tamb) for voltage 63 V
Maximum allowed component temperature rise (
ΔT)
as a function of the ambient temperature (Tamb) for voltages > 63 V
Wmax.
(mm)
HEAT CONDUCTIVITY (mW/°C)
PITCH 5 mm
2.5
2.5
3.5
3.0
4.5
4.0
6.0
5.5
- 60
- 20
20
60
100
T
amb (°C)
16
12
8
4
0
- 60
- 20
20
60
100
T
amb (°C)
16
12
8
4
0
Thermocouple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com