Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFC237018564 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BFC237018564
Description  DC Film Capacitors MKT Radial Potted Type
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC237018564 Datasheet(HTML) 1 Page - Vishay Siliconix

  BFC237018564 Datasheet HTML 1Page - Vishay Siliconix BFC237018564 Datasheet HTML 2Page - Vishay Siliconix BFC237018564 Datasheet HTML 3Page - Vishay Siliconix BFC237018564 Datasheet HTML 4Page - Vishay Siliconix BFC237018564 Datasheet HTML 5Page - Vishay Siliconix BFC237018564 Datasheet HTML 6Page - Vishay Siliconix BFC237018564 Datasheet HTML 7Page - Vishay Siliconix BFC237018564 Datasheet HTML 8Page - Vishay Siliconix BFC237018564 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Document Number: 28108
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 04-Aug-09
77
DC Film Capacitors
MKT Radial Potted Type
MKT 370
Vishay BCcomponents
Dimensions in mm
APPLICATIONS
Blocking and coupling, bypass and energy reservoir,
telecom, industrial, consumer
REFERENCE STANDARDS
IEC 60384-2
MARKING
C-value; tolerance; rated voltage; manufacturer’s symbol;
year and week of manufacturer; manufacturer’s type
DIELECTRIC
Polyester film
ELECTRODES
Metallized
CONSTRUCTION
Mono construction
Series construction for 630 V 0.00068 µF ~ 0.0018 µF
RATED (DC) VOLTAGE
63 V, 100 V, 250 V, 400 V, 630 V
RATED (AC) VOLTAGE
40 V, 63 V, 160 V, 220 V
FEATURES
5.08 mm lead pitch.
Supplied loose in box, taped on ammopack or reel
Compliant to RoHS directive 2002/95/EC
ENCAPSULATION
Flame retardant plastic case and epoxy resin
(UL-class 94 V-0)
CLIMATIC TESTING CLASS ACC. TO IEC 60068-1
55/100/56 for rated voltage 63 V
55/105/56 for rated voltage > 63 V
CAPACITANCE RANGE (E12 SERIES)
0.00068 µF to 1.5 µF
CAPACITANCE TOLERANCE
± 10 %, ± 5 %
LEADS
Tinned wire
RATED TEMPERATURE
85 °C
MAXIMUM APPLICATION TEMPERATURE
100 °C for rated voltage 63 V
105 °C for rated voltage > 63 V
PERFORMANCE GRADE
Grade 1 (long life)
DETAIL SPECIFICATION
For more detailed data and test requirements contact:
dc-film@vishay.com
P ± 0.3
h
l
t
l
Ø d
t
w


Similar Part No. - BFC237018564

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC237021473 VISHAY-BFC237021473 Datasheet
196Kb / 18P
DC Film Capacitors MKT Radial Potted Type
17-May-13
More results

Similar Description - BFC237018564

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT370 VISHAY-MKT370 Datasheet
188Kb / 18P
DC Film Capacitor MKT Radial Potted Type
17-Nov-08
MKT371 VISHAY-MKT371 Datasheet
258Kb / 28P
DC Film Capacitor MKT Radial Potted Type
23-Oct-08
MKT372 VISHAY-MKT372 Datasheet
302Kb / 7P
Metallized Polyester Film Capacitors MKT Radial Potted Type
21-Nov-05
MKT1820 VISHAY-MKT1820_08 Datasheet
130Kb / 12P
DC Film Capacitor MKT Radial Potted Type
23-Oct-08
222237353105 VISHAY-222237353105 Datasheet
162Kb / 14P
DC Film Capacitors MKT Radial Potted Type
21-Nov-12
BFC237021473 VISHAY-BFC237021473 Datasheet
196Kb / 18P
DC Film Capacitors MKT Radial Potted Type
17-May-13
F17723222000 VISHAY-F17723222000 Datasheet
136Kb / 12P
Interference Suppression Film Capacitors MKT Radial Potted Type
17-Apr-13
BFC237321335 VISHAY-BFC237321335 Datasheet
172Kb / 14P
DC Film Capacitors MKT Radial Potted Type
21-Nov-12
BFC237353104 VISHAY-BFC237353104 Datasheet
187Kb / 18P
DC Film Capacitors MKT Radial Potted Type
21-Nov-12
MKT373M VISHAY-MKT373M Datasheet
158Kb / 14P
DC Film Capacitors MKT Radial Potted Type
08-Sep-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com