Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP4100 Datasheet(PDF) 7 Page - ON Semiconductor

Part # ADP4100
Description  Programmable Multi-Phase Synchronous Buck Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP4100 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button ADP4100 Datasheet HTML 3Page - ON Semiconductor ADP4100 Datasheet HTML 4Page - ON Semiconductor ADP4100 Datasheet HTML 5Page - ON Semiconductor ADP4100 Datasheet HTML 6Page - ON Semiconductor ADP4100 Datasheet HTML 7Page - ON Semiconductor ADP4100 Datasheet HTML 8Page - ON Semiconductor ADP4100 Datasheet HTML 9Page - ON Semiconductor ADP4100 Datasheet HTML 10Page - ON Semiconductor ADP4100 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
ADP4100
http://onsemi.com
7
ELECTRICAL CHARACTERISTICS
Vin = (5.0 V) FBRTN − GND, for typical values TA = 25°C, for min/max values TA = 0°C to 85°C; unless otherwise noted.
Parameter
Unit
Max
Typ
Min
Symbol
Test Conditions
PSI
Input Low Voltage
0.3
V
Input High Voltage
0.8
V
Input Current
−5
mA
Assertion Timing
Fsw = 300kHz
3.3
ms
Deassertion Timing
Fsw = 300kHz
825
ns
TRDET
Output Low Voltage
IOUT = −6mA
VOL
150
300
mV
IMON
Clamp Voltage
1.0
1.15
V
Accuracy
10 x (CSREF − CSCOMP)/RILIM
−3.0
3.0
%
Output Current
800
mA
Offset
−5.5
5.5
mV
Current−Limit Comparator
ILIM Bias Current
CSREF − CSCOMP)/RILIM,
(CSREF − CSCOMP) = 150 mV, RILIM = 7.5 kW
ILIM
22
mA
Current−Limit Threshold Current
4/3 x IIREF
ICL
22
mA
Current Balance Amplifier
Common−Mode Range
VSW(X)CM
−600
+200
mV
Input Resistance
SW(X) = 0 V
RSW(X)
12
18
21
kW
Input Current
SW(X) = 0 V
ISW(X)
8.0
12
18
mA
Input Current Matching
SW(X) = 0 V
DISW(X)
−6.0
+6.0
%
Delay Timer
Internal Timer
2.0
ms
Soft−Start
Internal Timer
0.5
V/ms
DVID Slew Rate
Internal Timer
12.2
V/ms
Enable Input
Input Low Voltage
VIL(EN)
0.3
V
Input High Voltage
VIH(EN)
0.8
V
Input Current
IIN(EN)
−1.0
mA
Delay Time
EN > 0.8 V, Internal Delay
tDELAY(EN)
2.0
ms
ODN and OD1 Outputs
Output Low Voltage
IOD(SINK) = −400 mA
VOL(ODN/1)
160
500
mV
Output High Voltage
IOD(SOURCE) = 400 mA
VOL(ODN/1)
4.0
5.0
V
ODN / OD1 Pulldown Resistor
60
kW
Power−Good Comparator
Undervoltage Threshold
Relative to Nominal DAC Output
VPWRGD(UV)
−600
−500
−400
mV
Overvoltage Threshold
Relative to DAC Output, PWRGD_Hi = 00
VPWRGD(OV)
200
300
400
mV
Output Low Voltage
IPWRGD(SINK) = −4 mA
VOL(PWRGD)
150
300
mV
6. Guaranteed by design or bench characterization, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com