Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP4100 Datasheet(PDF) 17 Page - ON Semiconductor

Part # ADP4100
Description  Programmable Multi-Phase Synchronous Buck Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP4100 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button ADP4100 Datasheet HTML 13Page - ON Semiconductor ADP4100 Datasheet HTML 14Page - ON Semiconductor ADP4100 Datasheet HTML 15Page - ON Semiconductor ADP4100 Datasheet HTML 16Page - ON Semiconductor ADP4100 Datasheet HTML 17Page - ON Semiconductor ADP4100 Datasheet HTML 18Page - ON Semiconductor ADP4100 Datasheet HTML 19Page - ON Semiconductor ADP4100 Datasheet HTML 20Page - ON Semiconductor ADP4100 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
ADP4100
http://onsemi.com
17
The maximum power dissipated is calculated using
Equation 21.
(eq. 21)
PMAX +
VIN(MAX) * VCC(MIN)
2
RSHUNT
where:
VIN(MAX) is the maximum voltage from the 12 V input supply
(if the 12 V input supply is 12 V
± 5%, VIN(MAX) = 12.6 V; if
the 12 V input supply is 12 V
± 10%, VIN(MAX) = 13.2 V).
VCC(MIN) is the minimum VCC voltage of the ADP4100.
This is specified as 4.7 V.
RSHUNT is the shunt resistor value.
The CECC standard specification for power rating in
surface−mount resistors is: 0603 = 0.1 W, 0805 = 0.125 W,
1206 = 0.25 W.
VCC3
The ADP4100 has an internal 3.3 V LDO to supply the
internal circuits on the ADP4100. A 1
mF X7R capacitor
should be placed between this pin and AGND. This should
not be loaded by an external circuitry.
Driver Connections
Each driver in the external circuit is connected to one
PWM signal from the controller. The PWM signal controls
when the driver turns on and off both the high and low side
FET’s.
Each driver is also connected to either the OD1 or ODN
signal from the controller. This signal is used to disable the
driver, i.e. both high side and low side FET’s are disabled.
Drivers are disabled when OD pins are low and switching
when the OD pin is high. Phases which are enabled during
PSI should be connected to OD1. Phases which are disabled
during PSI should be connected to ODN. Extreme care
should be taken to ensure that the controller configuration
(set by the PSI_Set pin) matches the OD1 and ODN
connections on the board.
VID Inputs
The ADP4100 has seven VID Input pins which are used
to set the target output voltage. The VID codes are decoded
using the following VR11.1 Table. An input voltage of less
than 0.3 V is decoded as logic low. An input voltage of
greater than 0.8 V is decoded as logic high. If the pins are left
open then an internal pulldown will pull the pin low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com