Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP4100 Datasheet(PDF) 10 Page - ON Semiconductor

Part # ADP4100
Description  Programmable Multi-Phase Synchronous Buck Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP4100 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button ADP4100 Datasheet HTML 6Page - ON Semiconductor ADP4100 Datasheet HTML 7Page - ON Semiconductor ADP4100 Datasheet HTML 8Page - ON Semiconductor ADP4100 Datasheet HTML 9Page - ON Semiconductor ADP4100 Datasheet HTML 10Page - ON Semiconductor ADP4100 Datasheet HTML 11Page - ON Semiconductor ADP4100 Datasheet HTML 12Page - ON Semiconductor ADP4100 Datasheet HTML 13Page - ON Semiconductor ADP4100 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
ADP4100
http://onsemi.com
10
TEST CIRCUITS
Figure 4. Closed−Loop Output Voltage Accuracy
NC
NC
NC
NC
EN
GND
PSI_SET
LLSET
IMON
TTSENSE
VRHOT
IREF
PWM1
PWM2
PWM3
PWM4
PWM5
PWM6
SW1
SW2
SW3
SW4
SW5
SW6
ADP4100
100nF
+12 V
680W
680W
+1mF
121kW
10kW
20kW
100nF
1kW
+1.25 V
Figure 5. Current Sense Amplifier VOS
CSSUM
21
CSCOMP
20
37
VCC
CSREF
19
GND
6
39k
680
680
100nF
1k
1V
ADP4100
VOS =
CSCOMP – 1V
40
12V
W
W
WW
Figure 6. Positioning Accuracy
+
–
8
LLSET
37
VCC
CSREF
19
GND
6
FB
17
COMP
18
10 k
ADP4100
+
–
–
+
nVFB = FBDV=80mV − FBnV=0mV
VID
DAC
1.0V
+
–
nV
+12 V
680 W
680 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com