Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC05CL16 Datasheet(PDF) 53 Page - Motorola, Inc

Part # 68HC05CL16
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL16 Datasheet(HTML) 53 Page - Motorola, Inc

Back Button 68HC05CL16 Datasheet HTML 49Page - Motorola, Inc 68HC05CL16 Datasheet HTML 50Page - Motorola, Inc 68HC05CL16 Datasheet HTML 51Page - Motorola, Inc 68HC05CL16 Datasheet HTML 52Page - Motorola, Inc 68HC05CL16 Datasheet HTML 53Page - Motorola, Inc 68HC05CL16 Datasheet HTML 54Page - Motorola, Inc 68HC05CL16 Datasheet HTML 55Page - Motorola, Inc 68HC05CL16 Datasheet HTML 56Page - Motorola, Inc 68HC05CL16 Datasheet HTML 57Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 145 page
background image
June 11, 1997
GENERAL RELEASE SPECIFICATION
MC68HC05CL48
TIMER
MOTOROLA
REV 2.0
8-1
SECTION 8
TIMER
The MC68HC05CL48 has three timers:
•
16-bit free-running timer
•
15-stage multi-functional (core) timer
•
One second timer
8.1
16-BIT FREE-RUNNING TIMER
The 16-bit free-running counter is driven by a fixed divide-by-four prescaler. This
timer can be used for many purposes, including input waveform measurements
while simultaneously generating an output waveform. Pulse widths can vary from
several microseconds to many seconds. Refer to Figure 8-1 for a timer block
diagram.
Because the timer has a 16-bit architecture, each specific functional segment
(capability) is represented by two registers. These registers contain the high and
low byte of that functional segment. Generally, accessing the low byte of a specific
timer function allows full control of that function; however, an access of the high
byte inhibits that specific timer function until the low byte is also accessed.
NOTE
The I bit in the CCR should be set while manipulating both the high
and low byte register of a specific timer function to ensure that an
interrupt does not occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com