Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC05CL16 Datasheet(PDF) 75 Page - Motorola, Inc

Part # 68HC05CL16
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL16 Datasheet(HTML) 75 Page - Motorola, Inc

Back Button 68HC05CL16 Datasheet HTML 71Page - Motorola, Inc 68HC05CL16 Datasheet HTML 72Page - Motorola, Inc 68HC05CL16 Datasheet HTML 73Page - Motorola, Inc 68HC05CL16 Datasheet HTML 74Page - Motorola, Inc 68HC05CL16 Datasheet HTML 75Page - Motorola, Inc 68HC05CL16 Datasheet HTML 76Page - Motorola, Inc 68HC05CL16 Datasheet HTML 77Page - Motorola, Inc 68HC05CL16 Datasheet HTML 78Page - Motorola, Inc 68HC05CL16 Datasheet HTML 79Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 145 page
background image
June 11, 1997
GENERAL RELEASE SPECIFICATION
MC68HC05CL48
SERIAL PERIPHERAL INTERFACE
MOTOROLA
REV 2.0
9-3
from the bus clock. The clock rate is selected by bits (SPR1,SPR0) in the control
register. The SCK pin on the Master device becomes a fixed output providing the
system clock to an enabled Slave or Slaves. The clock is used by the Master to
latch incoming Slave data on the MISO pin and shift out data to the Slave device
on the MOSI pin. The Master and Slave must be operated in the same timing
mode. The type of clock and its’ relationship with the data is controlled by bits
CPOL and CPHA. Reference Figure 9-1.
9.1.4 SS SLAVE SELECT (INPUT)
9.1.4.1
Slave Mode
The slave select (SS input) is generated by the master (parallel port may be used)
and used to “enable one” of several slaves to accept and/or return data or “enable
several” slaves to accept data. To insure a data byte transfer, the SS signal must
be low prior to occurrence of SCK and must not become high until after the 8th
(last) SCK cycle. Figure 9-1 shows the clock (SCK) and data relationship.
Depending on the state of the CPHA control bit, the SS pin pulled low: (1) allows
the first bit of data onto the MISO system line for transfer and (2) prevents the
Slave from reading or writing the data register. A further description of the affect of
the (SS) pin and (CPHA) control bit on the i/o data register is given in the
description of the (WCOL) status flag. The (WCOL) flag warns the Slave if it has
had a conflict between a transmission and a write of the data register. A high level
on SS forces MISO to the hi-Z state. Also, SCK and MOSI are ignored by the
disabled slave.
9.1.4.2
Master Mode
In this mode, Slave Select (SS) input is monitored to assure that it stays false
(high). If Slave Select becomes true, the device immediately exits the master
mode and becomes a slave (MSTR=0). Also, control bit (SPE) is forced to a zero
causing all SPI system pins to be inputs. An interrupt flag (MODF) is set warning
the device that the above events have occurred. The significance of this is that a
collision has occurred; that is, two devices have both become masters. This is
normally the result of software error, although some systems may allow the
default master to “knock all other masters off the bus” if an erroneous bus state is
detected. This is, of course, a catastrophic event and it is the responsibility of the
default master to completely “clean up” the system.
9.2
SPI REGISTERS
The register addresses only show the low order address bits i.e ABL(1:0). The
registers can be placed anywhere in the device memory map by generating an
appropriate ‘Module Select’ signal in the map logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com