Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC05CL16 Datasheet(PDF) 100 Page - Motorola, Inc

Part # 68HC05CL16
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL16 Datasheet(HTML) 100 Page - Motorola, Inc

Back Button 68HC05CL16 Datasheet HTML 96Page - Motorola, Inc 68HC05CL16 Datasheet HTML 97Page - Motorola, Inc 68HC05CL16 Datasheet HTML 98Page - Motorola, Inc 68HC05CL16 Datasheet HTML 99Page - Motorola, Inc 68HC05CL16 Datasheet HTML 100Page - Motorola, Inc 68HC05CL16 Datasheet HTML 101Page - Motorola, Inc 68HC05CL16 Datasheet HTML 102Page - Motorola, Inc 68HC05CL16 Datasheet HTML 103Page - Motorola, Inc 68HC05CL16 Datasheet HTML 104Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 145 page
background image
GENERAL RELEASE SPECIFICATION
June 11, 1997
MOTOROLA
LCD DRIVER
MC68HC05CL48
12-4
REV 2.0
12.2
LCD OPERATION
Figure 12-2 shows the backplane waveforms and some examples of frontplane
waveforms which are dependent on the LCD segments to be driven as defined in
the LCD RAM. Each “on” segment must have a differential driving voltage (BP-FP)
applied to it once in each frame; the LCD driver module hardware uses the data in
the LCD RAM to construct the frontplane waveform to meet this criterion. The
backplane waveforms are continuous and repetitive (every 2 frames); they are
fixed and not affected by the data in the LCD RAM. During WAIT mode the LCD
drivers function as normal and will keep the display active if the DISON bit (bit0 of
$07) is set.
The LCD drivers can be configured to operate with either 16 backplanes or 8
backplanes under software control.
The bias ratio can be set 1:4 or 1/5 under software control for both a 8 and 16
backplane LCD. The voltage levels required are generated internally by a resistive
divider between VLCD and VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com