Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC05CL16 Datasheet(PDF) 20 Page - Motorola, Inc

Part # 68HC05CL16
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL16 Datasheet(HTML) 20 Page - Motorola, Inc

Back Button 68HC05CL16 Datasheet HTML 16Page - Motorola, Inc 68HC05CL16 Datasheet HTML 17Page - Motorola, Inc 68HC05CL16 Datasheet HTML 18Page - Motorola, Inc 68HC05CL16 Datasheet HTML 19Page - Motorola, Inc 68HC05CL16 Datasheet HTML 20Page - Motorola, Inc 68HC05CL16 Datasheet HTML 21Page - Motorola, Inc 68HC05CL16 Datasheet HTML 22Page - Motorola, Inc 68HC05CL16 Datasheet HTML 23Page - Motorola, Inc 68HC05CL16 Datasheet HTML 24Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 145 page
background image
GENERAL RELEASE SPECIFICATION
June 11, 1997
MOTOROLA
GENERAL DESCRIPTION
MC68HC05CL48
1-8
REV 2.0
when not used as I/O pins can be configured as two A-to-D pins, two Timer pins
and four SPI pins. See Section 7 for more details on the I/O ports.
1.4.10 SCK
This is the serial clock signal of the SPI. This pin can be configured as PTC0 pin
when the SPI function is not used.
1.4.11 MISO, MOSI
These are the master-in slave-out (MISO) and master-out slave-in (MOSI) data
pins for the SPI. These two pins can be configured as PTC1 and PTC2 pins
respectively when the SPI function is not used.
1.4.12 SS
This is the slave select pin for the SPI. This pin can be configured as PTC3 pin
when the SPI function is not used.
1.4.13 AD0-AD3
These four lines are the A/D inputs. AD2 and AD3 can be configured as PTC4 and
PTC5 pins respectively when not used as A-to-D inputs.
1.4.14 TCAP1
The TCAP1 input controls the input capture 1 feature of the on-chip programmable
timer system. Refer to Section 8 for additional information. This pin can be
configured as PTC6 pin when the timer input capture function is not used.
1.4.15 TCAP2
The TCAP2 input controls the input capture 2 feature of the on-chip programmable
timer system. Refer to Section 8 for additional information. This pin can be
configured as PTC7 pin when the timer input capture function is not used.
1.4.16 FSK+, FSK–
These two inputs are the non-inverting and inverting FSK signals respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com