Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 118 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 118 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 114Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 115Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 116Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 117Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 118Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 119Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 120Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 121Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 122Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 976 page
background image
Detailed Signal Descriptions
MAC7200 Microcontroller Family Reference Manual, Rev. 2
40
Freescale Semiconductor
4.3.4
TDI — Test Data In Pin
The TDI pin is a device input for the JTAG port. This serial pin is sampled in the device on the rising edge
of the TCK pin. During and after a system reset, this pin will be configured as an input with an internal
pull-up active on this signal. This pull-up is implemented using active elements, and is approximately
equivalent to a 20KOhm resistor under typical operating conditions.
4.3.5
TDO — Test Data Output Pin
The TDO pin is a device output for the JTAG port. This pin is a three-state test data output pin that is
actively driven in the shift-IR and shift-DR controller states. The pin state changes on the falling edge of
the TCK pin. During and after a system reset, this pin will be configured as an output with maximum slew
rate enabled.
4.3.6
TCK — Test Clock Pin
The TCK pin is a device input for the JTAG port. This pin provides the test clock input to synchronize the
device’s test logic. TCK is independent of the processor clock, and is used only as the reference clock for
the TMS, TDI and TDO pins. During and after a system reset, this pin will be configured as an input with
an internal pull-down active on this signal. This pull-down is implemented using active elements, and is
approximately equivalent to a 20KOhm resistor under typical operating conditions.
4.3.7
TMS — Test Mode Pin
The TMS pin is a device input for the JTAG port. This pin is used to input the test mode to sequence the
TAP controller’s state machine. The pin is sampled on the rising edge of the TCK pin. During and after a
system reset, this pin will be configured as an input with an internal pull-up active on this signal. This
pull-up is implemented using active elements, and is approximately equivalent to a 20KOhm resistor under
typical operating conditions.
4.3.8
PA[0:7] / DATA[0:7] — Port A I/O Pins and external Databus
PA[0] to PA[7] are configurable general purpose input or output pins. They can be independently
configured to provide either high or reduced output drive, and also to enable or disable either a pull-up or
pull-down resistor on the pin. The pin is multiplexed with the external Data bus lines DATA[0] to
DATA[7]. Each pin can be independently configured to wake the system out of low-power mode (DOZE)
when an external signal is applied using the interrupt functionality.
4.3.9
PA[8] / DATA[8] / PCS[4] — Port A I/O Pin, External Databus, and
DSPI_B
PA[8] is a configurable general purpose input or output pin. It can be independently configured to provide
either high or reduced output drive, and also to enable or disable either a pull-up or pull-down resistor on
the pin. The pin is multiplexed in Primary Peripheral mode with the external Data bus line DATA[8]. In
Secondary Peripheral mode, it can be configured as a chip select pin PCS[4] when in Master mode for the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com