| Electronic Components Datasheet Search |
|
MAC7200 Datasheet(PDF) 116 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 Datasheet(HTML) 116 Page - Freescale Semiconductor, Inc |
|
116 / 976 page ![]() Signal Properties Summary MAC7200 Microcontroller Family Reference Manual, Rev. 2 38 Freescale Semiconductor PG2 SCIRXD_A CNRXD_A None MDO03 VDDx PIM Disabled Port G2, eSCI_A serial receive data, CAN_A serial receive data, Nexus Message Data Out PG3 SCITXD_A CNTXD_A None MDO13 VDDx PIM Disabled Port G3, eSCI_A serial transmit data, CAN_A serial transmit data, Nexus Message Data Out PG4 CNTXD_A SCITXD_A None MDO23 VDDx PIM Disabled Port G4, CAN_A serial transmit data, eSCI_A serial transmit data, Nexus Message Data Out PG5 CNRXD_A SCIRXD_A None — VDDx PIM Disabled Port G5, CAN_A serial receive data, eSCI_A serial receive data PG6 CNTXD_B SCITXD_B None — VDDx PIM Disabled Port G6, CAN_B serial transmit data, eSCI_B serial transmit data PG7 CNRXD_B SCIRXD_B None — VDDx PIM Disabled Port G7, CAN_B serial transmit data, eSCI_B serial receive data PG8 CS1 None None — VDDx PIM Disabled Port G8, External Bus Chip Select PG9 CS2 None None — VDDx PIM Disabled Port G9, External Bus Chip Select PG10 None None None — VDDx PIM Disabled Port G10 PG11 None None None — VDDx PIM Disabled Port G11 PG12 PCS4_A SCIRXD_A SCIRXD_B — VDDx PIM Disabled Port G12, DSPI_A chip select, eSCI_A serial receive data, eSCI_B serial receive data PG13 PCS3_A SCITXD_A SCITXD_B — VDDx PIM Disabled Port G13, DSPI_A chip select, eSCI_A serial transmit data, eSCI_B serial transmit data PG14 PCS4_B None None — VDDx PIM Disabled Port G14, DSPI_B chip select PG15 PCS3_B None None — VDDx PIM Disabled Port G15, DSPI_B chip select 1. This pin must always be tied to VSS in user mode. 2. This pin has Function 2 automatically selected when the chip is booted into External Chip mode. 3. Nexus Primary Port 4. Nexus Secondary Port 5. This functionality is for Hardware Configuration only, and therefore active only during reset. 6. No General Purpose Output (GPO) functionality is available on this pin Table 4-1. Signal Properties Pin Name Func. 1 Pin Name Func. 2 Pin Name Func. 3 Pin Name Func. 4 Pin Name Func. 5 Power Supply Internal Pull Resistor Description Ctrl Reset State |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |