| Electronic Components Datasheet Search |
|
MAC7200 Datasheet(PDF) 114 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 Datasheet(HTML) 114 Page - Freescale Semiconductor, Inc |
|
114 / 976 page ![]() Signal Properties Summary MAC7200 Microcontroller Family Reference Manual, Rev. 2 36 Freescale Semiconductor PD4 IRQ BURST None — VDDx PIM Disabled Port D4, External Interrupt, External Bus Burst PD52 ADDR[16] None None — VDDx PIM Disabled Port D5, External Address bus PD62 ADDR[17] None None — VDDx PIM Disabled Port D6, External Address bus PD72 ADDR[20] None None — VDDx PIM Disabled Port D7, External Address bus PD82 ADDR[21] TA None — VDDx PIM Disabled Port D8, External Address bus, External Bus Transfer Acknowledge PD92 ADDR[18] None None — VDDx PIM Disabled Port D9, External Address bus PD102 ADDR[19] TA None — VDDx PIM Disabled Port D10, External Address bus, External Bus Transfer Acknowledge PD112 OE None None — VDDx PIM Disabled Port D11, External Bus Output Enable PD122 BURST CS2 None — VDDx PIM Disabled Port D12, External Bus Burst, External Bus Chip Select PD132 TA CS1 None — VDDx PIM Disabled Port D13, External Bus Transfer Acknowledge, External Bus Chip Select PD142 CS0 None None — VDDx PIM Disabled Port D14, External Bus Chip Select PD152 RW None None — VDDx PIM Disabled Port D15, External Bus Read/Write PE0 6 AN_00 None None — VDDA PIM Disabled Port E0, ATD Channel PE16 AN_01 None None — VDDA PIM Disabled Port E1, ATD Channel PE26 AN_02 None None — VDDA PIM Disabled Port E2, ATD Channel PE36 AN_03 None None — VDDA PIM Disabled Port E3, ATD Channel PE46 AN_04 None None — VDDA PIM Disabled Port E4, ATD Channel PE56 AN_05 None None — VDDA PIM Disabled Port E5, ATD Channel PE66 AN_06 None None — VDDA PIM Disabled Port E6, ATD Channel PE76 AN_07 None None — VDDA PIM Disabled Port E7, ATD Channel PE86 AN_08 None None — VDDA PIM Disabled Port E8, ATD Channel PE96 AN_09 None None — VDDA PIM Disabled Port E9, ATD Channel PE106 AN_10 None None — VDDA PIM Disabled Port E10, ATD Channel PE116 AN_11 None None — VDDA PIM Disabled Port E11, ATD Channel PE126 AN_12 None None — VDDA PIM Disabled Port E12, ATD Channel PE136 AN_13 None None — VDDA PIM Disabled Port E13, ATD Channel PE146 AN_14 None None — VDDA PIM Disabled Port E14, ATD Channel Table 4-1. Signal Properties Pin Name Func. 1 Pin Name Func. 2 Pin Name Func. 3 Pin Name Func. 4 Pin Name Func. 5 Power Supply Internal Pull Resistor Description Ctrl Reset State |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |