| Electronic Components Datasheet Search |
|
MAC7200 Datasheet(PDF) 113 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 Datasheet(HTML) 113 Page - Freescale Semiconductor, Inc |
|
113 / 976 page ![]() Signal Properties Summary MAC7200 Microcontroller Family Reference Manual, Rev. 2 Freescale Semiconductor 35 PC12 ADDR[1] CNRXD_A None — VDDx PIM Disabled Port C1, External Address bus, CAN_A serial receive data PC22 ADDR[2] CNTXD_B None — VDDx PIM Disabled Port C2, External Address bus, CAN_B serial transmit data PC32 ADDR[3] CNRXD_B None EVTI 4 VDDx PIM Disabled Port C3, External Address bus, CAN_B serial receive data, Nexus Event In PC42 ADDR[4] EMIOS[6] None MCKO4 VDDx PIM Disabled Port C4, External Address bus, eMIOS Channel, Nexus Message Clock Out PC52 ADDR[5] EMIOS[7] None EVTO4 VDDx PIM Disabled Port C5, External Address bus, eMIOS Channel, Nexus Event Out PC62 ADDR[6] None None MSEO4 VDDx PIM Disabled Port C6, External Address bus, Nexus Message Start/End Out PC72 ADDR[7] None None RDY4 VDDx PIM Disabled Port C7, External Address bus, Nexus Ready PC82 ADDR[8] EMIOS[0] None MDO04 VDDx PIM Disabled Port C8, External Address bus, eMIOS Channel, Nexus Message Data Out PC92 ADDR[9] None None MDO14 VDDx PIM Disabled Port C9, External Address bus, Nexus Message Data Out PC102 ADDR[10] None None MDO24 VDDx PIM Disabled Port C10, External Address bus, PC112 ADDR[11] None None MDO34 VDDx PIM Disabled Port C11, External Address bus, Nexus Message Data Out PC122 ADDR[12] None None MDO44 VDDx PIM Disabled Port C12, External Address bus, Nexus Message Data Out PC132 ADDR[13] None None MDO54 VDDx PIM Disabled Port C13, External Address bus, Nexus Message Data Out PC142 ADDR[14] None None MDO64 VDDx PIM Disabled Port C14, External Address bus, Nexus Message Data Out PC152 ADDR[15] None None MDO74 VDDx PIM Disabled Port C15, External Address bus, Nexus Message Data Out PD02 BS0 PCS4_B None MODB VDDx PIM Disabled Port D0, External Bus Byte Select, DSPI_B chip select, Chip Mode select PD12 BS1 PCS3_B None MODA VDDx PIM Disabled Port D1, External Bus Byte Select, DSPI_B chip select, Chip Mode select PD22 CLKOUT None None XCLKS 5 VDDx PIM Disabled Port D2, External Bus Clock, Oscillator mode select PD3 XIRQ None None NMI VDDx PIM Disabled Port D3, External interrupt, Non-Maskable Interrupt Table 4-1. Signal Properties Pin Name Func. 1 Pin Name Func. 2 Pin Name Func. 3 Pin Name Func. 4 Pin Name Func. 5 Power Supply Internal Pull Resistor Description Ctrl Reset State |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |