| Electronic Components Datasheet Search |
|
MAC7200 Datasheet(PDF) 115 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 Datasheet(HTML) 115 Page - Freescale Semiconductor, Inc |
|
115 / 976 page ![]() Signal Properties Summary MAC7200 Microcontroller Family Reference Manual, Rev. 2 Freescale Semiconductor 37 PE156 AN_15 None None — VDDA PIM Disabled Port E15, ATD Channel PF0 EMIOS[0] None None — VDDx PIM Port F0, eMIOS Channel, Debug Status Port, Nexus Port Select PF1 EMIOS[1] None None — VDDx PIM Port F1, eMIOS Channel, Debug Status Port, Nexus Present PF2 EMIOS[2] None None — VDDx PIM Port F2, eMIOS Channel, Debug Status Port, External Bus Auto Acknowledge PF3 EMIOS[3] None None — VDDx PIM Port F3, eMIOS Channel, Debug Status Port, External Bus Port Size PF4 EMIOS[4] None None — VDDx PIM Disabled Port F4, eMIOS Channel, Debug Status Port PF5 EMIOS[5] None PCS5_C PCSS_C — VDDx PIM Disabled Port F5, eMIOS Channel, DSPI_C chip select, Debug Status Port PF6 EMIOS[6] None PCS2_C — VDDx PIM Disabled Port F6, eMIOS Channel, DSPI_C chip select, Debug Status Port PF7 EMIOS[7] None PCS0_C SS_C — VDDx PIM Disabled Port F7, eMIOS Channel, DSPI_C chip select/slave select, Debug Status Port PF8 PCS5_C PCSS_C EMIOS[7] PCS3_C — VDDx PIM Disabled Port F8, DSPI_C chip select, eMIOS Channel, DSPI_C chip select PF9 PCS3_C EMIOS[1] PCS1_C — VDDx PIM Disabled Port F9, DSPI_C chip select, eMIOS Channel, DSPI_C chip select PF10 PCS2_C EMIOS[3] SCK_C — VDDx PIM Disabled Port F10, DSPI_C chip select, eMIOS Channel, DSPI_C serial clock PF11 SCK_C EMIOS[4] MOSI_C — VDDx PIM Disabled Port F11, DSPI_C serial clock, eMIOS Channel, DSPI_C serial data PF12 PCS1_C EMIOS[5] MISO_C — VDDx PIM Disabled Port F12, DSPI_C chip select, eMIOS Channel, DSPI_C serial data PF13 MOSI_C PCS5_A PCSS_A EMIOS[6] — VDDx PIM Disabled Port F13, DSPI_C serial data, DSPI_A chip select, eMIOS Channel PF14 PCS0_C SS_C PCS2_A EMIOS[7] — VDDx PIM Disabled Port F14, DSPI_C chip select/slave select, DSPI_A chip select, eMIOS Channel PF15 MISO_C PCS1_A PCS5_A PCSS_A — VDDx PIM Disabled Port F15, DSPI_C serial data, DSPI_A chip select, DSPI_A chip select PG0 SCIRXD_B CNRXD_B None — VDDx PIM Disabled Port G0, eSCI_B serial receive data, CAN_B serial receive data PG1 SCITXD_B CNTXD_B None — VDDx PIM Disabled Port G1, eSCI_B serial transmit data, CAN_B serial transmit data Table 4-1. Signal Properties Pin Name Func. 1 Pin Name Func. 2 Pin Name Func. 3 Pin Name Func. 4 Pin Name Func. 5 Power Supply Internal Pull Resistor Description Ctrl Reset State |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |