| Electronic Components Datasheet Search |
|
MAC7200 Datasheet(PDF) 112 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 Datasheet(HTML) 112 Page - Freescale Semiconductor, Inc |
|
112 / 976 page ![]() Signal Properties Summary MAC7200 Microcontroller Family Reference Manual, Rev. 2 34 Freescale Semiconductor PB0 SDA PCS0_A SS_A None MCKO3 VDDx PIM Disabled Port B0, IIC serial data, DSPI_A chip select/slave select, Nexus Clock Out PB1 SCL PCS1_A None EVTO3 VDDx PIM Disabled Port B1, IIC serial data, DSPI_A chip select, Nexus Event Out PB2 MISO_A None None MSEO3 VDDx PIM Disabled Port B2, DSPI_A serial data, Nexus Message Start/End Out PB3 MOSI_A SCL None RDY3 VDDx PIM Disabled Port B3, DSPI_A serial data, IIC serial data PB4 SCK_A MOSI_A None — VDDx PIM Disabled Port B4, DSPI_A serial clock, DSPI_A serial data PB5 PCS0_A SS_A SDA None — VDDx PIM Disabled Port B5, DSPI_A chip select/slave select, IIC serial data PB6 PCS1_A MISO_A None — VDDx PIM Disabled Port B6, DSPI_A chip select, DSPI_A serial data PB7 PCS2_A SCK_A None — VDDx PIM Disabled Port B7, DSPI_A chip select, DSPI_A serial clock PB8 PCS5_A PCS0_A SS_A PCS2_A — VDDx PIM Disabled Port B8, DSPI_A chip select, DSPI_A chip select/slave select, DSPI_A chip select PB9 PCS0_B SS_B None CNTXD_A MDO33 VDDx PIM Disabled Port B9, DSPI_B chip select/slave select, CAN_A serial transmit data, Nexus Message Data Out PB10 PCS5_B PCSS_B PCS2_B CNTXD_B — VDDx PIM Disabled Port B10, DSPI_B chip select, DSPI_B chip select, CAN_B serial transmit data PB11 PCS2_B SCK_B SDA MDO43 VDDx PIM Disabled Port B11, DSPI_B chip select, DSPI_B serial clock, IIC serial data, Nexus Message Data Out PB12 PCS1_B MISO_B None — VDDx PIM Disabled Port B12, DSPI_B chip select, DSPI_B serial data PB13 SCK_B PCS5_B PCSS_B CNRXD_A MDO53 VDDx PIM Disabled Port B13, DSPI_B serial clock, DSPI_B chip select, CAN_A serial receive data, Nexus Message Data Out PB14 MOSI_B PCS1_B CNRXD_B MDO63 VDDx PIM Disabled Port B14, DSPI_B serial data, DSPI_B chip select, CAN_B serial receive data, Nexus Message Data Out PB15 MISO_B MOSI_B SCL MDO73 VDDx PIM Disabled Port B15, DSPI_B serial data, DSPI_B serial data, IIC serial data, Nexus Message Data Out PC02 ADDR[0] CNTXD_A None — VDDx PIM Disabled Port C0, External Address bus, CAN_A serial transmit data Table 4-1. Signal Properties Pin Name Func. 1 Pin Name Func. 2 Pin Name Func. 3 Pin Name Func. 4 Pin Name Func. 5 Power Supply Internal Pull Resistor Description Ctrl Reset State |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |