| Electronic Components Datasheet Search |
|
MAC7200 Datasheet(PDF) 181 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 Datasheet(HTML) 181 Page - Freescale Semiconductor, Inc |
|
181 / 976 page ![]() MAC7200 Microcontroller Family Reference Manual, Rev. 2 Freescale Semiconductor 103 Chapter 9 Device Memory Map This section describes the memory map of the MAC72xx after reset, in the various possible chip modes. For more details on selecting chip modes, please refer to Chapter 2, “Modes of Operation”. The memory map of the device immediately following reset is different based on the mode of operation that has been selected, but is largely re-mappable following reset. It is possible to re-map the flash main array and shadow block, the SRAM and the external bus interface using the AAMR register in the MCM module, but not the ARM7 exception table, which is fixed at $0000 0000 to $0000 001F, Figure 9-1 shows the device memory map at reset in each of the various device modes. Figure 9-1. MAC72xx Memory Map Overview Normal Single Chip Secured Single Chip Normal Expanded Secured Expanded Normal Bootload Secured Bootload Lockout Recovery $0000 0000 Flash Main Array Flash Main Array FlexBus FlexBus Shadow Block Shadow Block BAM $00F0 0000 Shadow Block Shadow Block $2000 0000 FlexBus Flash Main Array Flash Main Array Flash Main Array Flash Main Array $20F0 0000 Shadow Block Shadow Block Shadow Block Shadow Block $4000 0000 SRAM SRAM SRAM SRAM SRAM SRAM SRAM $6000 0000 $8000 0000 $A000 0000 BAM BAM BAM BAM BAM BAM BAM $C000 0000 $E000 0000 Peripheral Bus Peripheral Bus Peripheral Bus Peripheral Bus Peripheral Bus Peripheral Bus Peripheral Bus |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |