Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM6502 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM6502
Description  Dual push-button Smart ResetTM with user-adjustable setup delays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6502 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM6502 Datasheet HTML 3Page - STMicroelectronics STM6502 Datasheet HTML 4Page - STMicroelectronics STM6502 Datasheet HTML 5Page - STMicroelectronics STM6502 Datasheet HTML 6Page - STMicroelectronics STM6502 Datasheet HTML 7Page - STMicroelectronics STM6502 Datasheet HTML 8Page - STMicroelectronics STM6502 Datasheet HTML 9Page - STMicroelectronics STM6502 Datasheet HTML 10Page - STMicroelectronics STM6502 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
STM6502, STM6503, STM6504, STM6505
Description
Doc ID 16101 Rev 5
7/29
Table 2.
Signal names
Symbol
Input/
output
Description
RST
Output
Open-drain reset output, active-low.
BLD
Output
Battery low detect output, active-low, open-drain. STM6505 only.
SR0
Input
Primary push-button Smart Reset input. Active-low, with or without internal
65 k
Ω pull-up to VCC (product options).
SR1
Input
Secondary push-button Smart Reset input - combines with the primary push-
button reset to provide setup delay time before reset. Active-low, with or without
internal 65 k
Ω pull-up to VCC (product options).
SRE
Input
Secondary push-button Smart Reset input - provides instant Smart Reset. SRE
is edge-triggered with a special debounce time (tDEBOUNCE = 240 ms min.) at
the falling edge after a valid reset period. Active-high, no internal pull-up to VCC.
STM6504 only.
SRC
Input
Smart Reset input delay setup control: connect to an external capacitor to adjust
the delay setup time (tSRC). STM6502 and STM6505 only.
TSR
Input
A three-state Smart Reset input delay setup control. When connected to
ground, tSRC = 2 s; when left open, tSRC = 6 s; when connected to VCC,
tSRC = 10 s (all times are minimum). TSR is a DC-type input, intended to be
either permanently grounded, permanently connected to VCC or permanently
left open. If left open, for improved system glitch immunity it is strongly
recommended to connect a 0.1 µF decoupling ceramic capacitor between the
TSR and VSS pins. STM6503 and STM6504 only.
VCC
Supply
Supply voltage input. Power supply for the device and an input for the monitored
supply voltage. A 0.1 µF decoupling ceramic capacitor is recommended to be
connected between the VCC and VSS pins.
VBAT
Input
Battery voltage monitoring input. STM6505 only.
VSS
Supply
Ground
NC
No connect (not bonded); should be connected to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com