Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM6502 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM6502
Description  Dual push-button Smart ResetTM with user-adjustable setup delays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6502 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM6502 Datasheet HTML 6Page - STMicroelectronics STM6502 Datasheet HTML 7Page - STMicroelectronics STM6502 Datasheet HTML 8Page - STMicroelectronics STM6502 Datasheet HTML 9Page - STMicroelectronics STM6502 Datasheet HTML 10Page - STMicroelectronics STM6502 Datasheet HTML 11Page - STMicroelectronics STM6502 Datasheet HTML 12Page - STMicroelectronics STM6502 Datasheet HTML 13Page - STMicroelectronics STM6502 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Description
STM6502, STM6503, STM6504, STM6505
10/29
Doc ID 16101 Rev 5
1.2
Pin descriptions
1.2.1
Power supply (VCC)
This pin is used to provide the power to the device and to monitor the power supply.
A 0.1 µF decoupling ceramic capacitor is recommended to be connected between the VCC
and VSS pins.
1.2.2
Ground (VSS)
This is the supply ground for the device.
1.2.3
Primary Smart Reset input (SR0)
The primary push-button Smart Reset input, active-low pin is connected to the first push-
button switch.
1.2.4
Secondary Smart Reset input (SR1)
The secondary push-button Smart Reset input, active-low pin is connected to the second
push-button switch. Keeping both Smart Reset inputs SR0 and SR1 active for longer than
tSRC activates the reset output pulse.
Figure 7.
STM6502, STM6503 timing
Reset is asserted “low” right after the Smart Reset setup delay (tSRC) has been met and
returns to high after the tREC period.
AM00327
RST
SR0
SR1
tSRC
tREC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com